Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC4422EPA Datasheet(PDF) 10 Page - Microchip Technology

Part # TC4422EPA
Description  9A High-Speed MOSFET Drivers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC4422EPA Datasheet(HTML) 10 Page - Microchip Technology

Back Button TC4422EPA Datasheet HTML 6Page - Microchip Technology TC4422EPA Datasheet HTML 7Page - Microchip Technology TC4422EPA Datasheet HTML 8Page - Microchip Technology TC4422EPA Datasheet HTML 9Page - Microchip Technology TC4422EPA Datasheet HTML 10Page - Microchip Technology TC4422EPA Datasheet HTML 11Page - Microchip Technology TC4422EPA Datasheet HTML 12Page - Microchip Technology TC4422EPA Datasheet HTML 13Page - Microchip Technology TC4422EPA Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
TC4421/TC4422
DS21420D-page 10
 2004 Microchip Technology Inc.
5.0
PACKAGING INFORMATION
5.1
Package Marking Information
XXXXXXXX
XXXXXNNN
YYWW
8-Lead PDIP (300 mil)
Example:
TC4421
CPA256
0420
Legend:
XX...X
Customer specific information*
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Note:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line thus limiting the number of available characters
for customer specific information.
*
Standard OTP marking consists of Microchip part number, year code, week code, and traceability code.
5-Lead TO-220
XXXXXXXXX
XXXXXXXXX
YYWWNNN
Example:
TC4421CAT
XXXXXXXXX
0420256
8-Lead DFN
Example
:
XXXXXXX
XXXXXXX
XXYYWW
NNN
TC4421
EMF
0420
256
8-Lead SOIC (208 mil)
Example:
XXXXXXXX
XXXXXXXX
YYWWNNN
GTC4421
ESM
0420256



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com