Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC4451VAT Datasheet(PDF) 6 Page - Microchip Technology

Part # TC4451VAT
Description  12A High-Speed MOSFET Drivers
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC4451VAT Datasheet(HTML) 6 Page - Microchip Technology

Back Button TC4451VAT Datasheet HTML 2Page - Microchip Technology TC4451VAT Datasheet HTML 3Page - Microchip Technology TC4451VAT Datasheet HTML 4Page - Microchip Technology TC4451VAT Datasheet HTML 5Page - Microchip Technology TC4451VAT Datasheet HTML 6Page - Microchip Technology TC4451VAT Datasheet HTML 7Page - Microchip Technology TC4451VAT Datasheet HTML 8Page - Microchip Technology TC4451VAT Datasheet HTML 9Page - Microchip Technology TC4451VAT Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
TC4451/TC4452
DS21987A-page 6
© 2006 Microchip Technology Inc.
Note: Unless otherwise indicated, TA = +25°C with 4.5V ≤ VDD ≤ 18V.
FIGURE 2-7:
Propagation Delay vs.
Supply Voltage.
FIGURE 2-8:
Propagation Delay vs. Input
Amplitude.
FIGURE 2-9:
Propagation Delay vs.
Temperature.
FIGURE 2-10:
Quiescent Supply Current
vs. Supply Voltage.
FIGURE 2-11:
Quiescent Supply Current
vs. Temperature.
FIGURE 2-12:
Input Threshold vs.
Temperature.
40
45
50
55
60
65
70
75
80
85
90
95
4
6
8
10
12
14
16
18
Supply Voltage (V)
tD2
tD1
CLOAD = 15,000 pF
VIN = 5V
40
45
50
55
60
65
70
75
80
85
90
95
100
23
456789
10
Input Amplitude (V)
tD2
tD1
CLOAD = 15,000 pF
VDD = 10V
30
35
40
45
50
55
60
-40 -25 -10
5
20 35 50 65 80 95 110 125
Temperature (
oC)
tD2
tD1
VDD = 10V
VIN = 5V
CLOAD = 15,000 pF
20
40
60
80
100
120
140
4
6
8
10
12
14
16
18
Supply Voltage (V)
INPUT = High
INPUT = Low
20
40
60
80
100
120
140
160
180
200
220
-40 -25 -10 5
20 35 50 65 80 95 110 125
Temperature (oC)
INPUT = High
VDD = 18 V
INPUT = Low
1
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2
-40 -25 -10 5
20 35 50 65 80 95 110 125
Temperature (oC)
VIH
VIL
VDD = 12 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com