Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC4452VMF Datasheet(PDF) 7 Page - Microchip Technology

Part # TC4452VMF
Description  12A High-Speed MOSFET Drivers
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC4452VMF Datasheet(HTML) 7 Page - Microchip Technology

Back Button TC4452VMF Datasheet HTML 3Page - Microchip Technology TC4452VMF Datasheet HTML 4Page - Microchip Technology TC4452VMF Datasheet HTML 5Page - Microchip Technology TC4452VMF Datasheet HTML 6Page - Microchip Technology TC4452VMF Datasheet HTML 7Page - Microchip Technology TC4452VMF Datasheet HTML 8Page - Microchip Technology TC4452VMF Datasheet HTML 9Page - Microchip Technology TC4452VMF Datasheet HTML 10Page - Microchip Technology TC4452VMF Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
© 2006 Microchip Technology Inc.
DS21987A-page 7
TC4451/TC4452
Note: Unless otherwise indicated, TA = +25°C with 4.5V ≤ VDD ≤ 18V.
FIGURE 2-13:
Input Threshold vs. Supply
Voltage.
FIGURE 2-14:
High-State Output
Resistance vs. Supply Voltage.
FIGURE 2-15:
Low-State Output
Resistance vs. Supply Voltage.
FIGURE 2-16:
Supply Current vs.
Capacitive Load (VDD = 18V).
FIGURE 2-17:
Supply Current vs.
Capacitive Load (VDD = 12V).
FIGURE 2-18:
Supply Current vs.
Capacitive Load (VDD = 6V).
1
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2
4
6
8
101214
1618
Supply Voltage (V)
VIH
VIL
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4
6
8
10
12
14
16
18
Supply Voltage (V)
TJ = 125
oC
TJ = 25
oC
VIN = 5V (TC4452)
VIN = 0V (TC4451)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
4
6
8
10
12
14
16
18
Supply Voltage (V)
TJ = 125
oC
TJ = 25
oC
VIN = 0V (TC4452)
VIN = 5V (TC4451)
0
50
100
150
200
250
300
100
1,000
10,000
100,000
Capacitive Load (pF)
VDD = 18 V
2 MHz
1 MHz
200 kHz
100 kHz
50 kHz
10 kHz
0
50
100
150
200
250
300
100
1,000
10,000
100,000
Capacitive Load (pF)
VDD = 12 V
2 MHz
1 MHz
200 kHz
100 kHz
50 kHz
10 kHz
-5
15
35
55
75
95
115
135
155
175
100
1,000
10,000
100,000
Capacitive Load (pF)
VDD = 6 V
2 MHz
1 MHz
200 kHz
100 kHz
50 kHz
10 kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com