Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC7107 Datasheet(PDF) 9 Page - Microchip Technology

Part # TC7107
Description  3-1/2 Digit Analog-to-Digital Converters
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC7107 Datasheet(HTML) 9 Page - Microchip Technology

Back Button TC7107 Datasheet HTML 5Page - Microchip Technology TC7107 Datasheet HTML 6Page - Microchip Technology TC7107 Datasheet HTML 7Page - Microchip Technology TC7107 Datasheet HTML 8Page - Microchip Technology TC7107 Datasheet HTML 9Page - Microchip Technology TC7107 Datasheet HTML 10Page - Microchip Technology TC7107 Datasheet HTML 11Page - Microchip Technology TC7107 Datasheet HTML 12Page - Microchip Technology TC7107 Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 34 page
background image
© 2008 Microchip Technology Inc.
DS21455D-page 9
TC7106/A/TC7107/A
4.0
ANALOG SECTION
In addition to the basic signal integrate and de-
integrate cycles discussed, the circuit incorporates an
auto-zero cycle. This cycle removes buffer amplifier,
integrator, and comparator offset voltage error terms
from the conversion. A true digital zero reading results
without adjusting external potentiometers. A complete
conversion consists of three cycles: an auto-zero,
signal integrate, and reference integrate cycle.
4.1
Auto-Zero Cycle
During the auto-zero cycle, the differential input signal
is disconnected from the circuit by opening internal
analog gates. The internal nodes are shorted to analog
common (ground) to establish a zero input condition.
Additional analog gates close a feedback loop around
the integrator and comparator. This loop permits
comparator offset voltage error compensation. The
voltage level established on CAZ compensates for
device offset voltages. The offset error referred to the
input is less than 10 µV.
The auto-zero cycle length is 1000 to 3000 counts.
4.2
Signal Integrate Cycle
The auto-zero loop is entered and the internal
differential inputs connect to VIN+ and VIN-. The
differential input signal is integrated for a fixed time
period. The TC7106/TC7106A signal integration period
is 1000 clock periods or counts. The externally set
clock frequency is divided by four before clocking the
internal counters.
The integration time period is:
EQUATION 4-1:
The differential input voltage must be within the device
Common mode range when the converter and
measured system share the same power supply
common (ground). If the converter and measured
system do not share the same power supply common,
VIN- should be tied to analog common.
Polarity is determined at the end of signal integrate
phase. The sign bit is a true polarity indication, in that
signals less than 1 LSB are correctly determined. This
allows precision null detection limited only by device
noise and auto-zero residual offsets.
4.3
Reference Integrate Phase
The third phase is reference integrate or de-integrate.
VIN- is internally connected to analog common and
VIN+ is connected across the previously charged
reference capacitor. Circuitry within the chip ensures
that the capacitor will be connected with the correct
polarity to cause the integrator output to return to zero.
The time required for the output to return to zero is
proportional to the input signal and is between 0 and
2000 counts.
The digital reading displayed is:
EQUATION 4-2:
Where:
FOSC
=
Externally set clock frequency
T
SI
4
F
OSC
-------------
1000
×
=
1000
V
IN
V
REF
-------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com