Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC7106CPL Datasheet(PDF) 4 Page - Microchip Technology

Part # TC7106CPL
Description  3-1/2 Digit Analog-to-Digital Converters
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC7106CPL Datasheet(HTML) 4 Page - Microchip Technology

  TC7106CPL Datasheet HTML 1Page - Microchip Technology TC7106CPL Datasheet HTML 2Page - Microchip Technology TC7106CPL Datasheet HTML 3Page - Microchip Technology TC7106CPL Datasheet HTML 4Page - Microchip Technology TC7106CPL Datasheet HTML 5Page - Microchip Technology TC7106CPL Datasheet HTML 6Page - Microchip Technology TC7106CPL Datasheet HTML 7Page - Microchip Technology TC7106CPL Datasheet HTML 8Page - Microchip Technology TC7106CPL Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 34 page
background image
TC7106/A/TC7107/A
DS21455D-page 4
© 2008 Microchip Technology Inc.
1.0
ELECTRICAL
CHARACTERISTICS
Absolute Maximum Ratings†
TC7106A
Supply Voltage (V+ to V-) ..................................................15V
Analog Input Voltage (either Input) (Note 1) .............. V+ to V-
Reference Input Voltage (either Input) ....................... V+ to V-
Clock Input .............................................................. Test to V+
Package Power Dissipation (TA ≤ 70°C) (Note 2):
40-Pin PDIP ......................................................1.23W
44-Pin PLCC.....................................................1.23W
44-Pin MQFP ....................................................1.00W
Operating Temperature Range:
C (Commercial) Devices ........................ 0°C to +70°C
I (Industrial) Devices ..........................-25°C to +85°C
Storage Temperature Range .........................-65°C to +150°C
TC7107A
Supply Voltage (V+) .......................................................... +6V
Supply Voltage (V-) ............................................................-9V
Analog Input Voltage (either Input) (Note 1) .............. V+ to V-
Reference Input Voltage (either Input) ....................... V+ to V-
Clock Input............................................................. GND to V+
Package Power Dissipation (TA ≤ 70°C) (Note 2):
40-Pin PDIP...................................................... 1.23W
44-Pin PLCC .................................................... 1.23W
44-Pin MQFP.................................................... 1.00W
Operating Temperature Range:
C (Commercial) Devices ....................... 0°C to +70°C
I (Industrial) Devices.......................... -25°C to +85°C
Storage Temperature Range......................... -65°C to +150°C
† Notice: Stresses above those listed under “Absolute Maximum
Ratings” may cause permanent damage to the device. These are
stress ratings only and functional operation of the device at these or
any other conditions above those indicated in the operation sections of
the specifications is not implied. Exposure to Absolute Maximum Rat-
ing conditions for extended periods may affect device reliability.
TC7106/A AND TC7107/A ELECTRICAL SPECIFICATIONS
Electrical Characteristics: Unless otherwise noted, specifications apply to both the TC7106/TC7106A and TC7107/TC7107A at
TA = +25°C, fCLOCK = 48 kHz. Parts are tested in the circuit of the Typical Operating Circuit.
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions
Zero Input Reading
ZIR
-000.0
±000.0
+000.0
Digital
Reading
VIN = 0.0V
Full Scale = 200.0 mV
Ratiometric Reading
999
999/1000
1000
Digital
Reading
VIN = VREF
VREF = 100 mV
Rollover Error (Difference in Reading for
Equal Positive and Negative Reading
Near Full Scale)
R/O
-1
±0.2
+1
Counts
VIN- = + VIN+ ≅ 200 mV
Linearity (Maximum Deviation from Best
Straight Line Fit)
-1
±0.2
+1
Counts
Full Scale = 200 mV or
Full Scale = 2.000V
Common Mode Rejection Ratio (Note 3) CMRR
—
50
—
µV/V
VCM = ±1V, VIN = 0V,
Full Scale = 200.0 mV
Noise (Peak to Peak Value not
Exceeded 95% of Time)
eN
—15
—
µV
VIN = 0V
Full Scale - 200.0 mV
Leakage Current at Input
IL
—
1
10
pA
VIN = 0V
Zero Reading Drift
—
0.2
1
µV/°C
VIN = 0V
“C” Device = 0°C to +70°C
—1.0
2
µV/°C
VIN = 0V
“I” Device = -25°C to +85°C
Scale Factor Temperature Coefficient
TCSF
—
1
5
ppm/°C
VIN = 199.0 mV,
“C” Device = 0°C to +70°C (Ext.
Ref = 0 ppm°C)
—
—
20
ppm/°C
VIN = 199.0 mV
“I” Device = -25°C to +85°C
Supply Current (Does not include LED
Current For TC7107/A)
IDD
—0.8
1.8
mA
VIN = 0.8
Analog Common Voltage (with Respect
to Positive Supply)
VC
2.7
3.05
3.35
V
25 k
Ω Between Common and
Positive Supply
Note
1: Input voltages may exceed the supply voltages, provided the input current is limited to ±100 µA.
2: Dissipation rating assumes device is mounted with all leads soldered to printed circuit board.
3: Refer to “Differential Input” discussion.
4: Backplane drive is in phase with segment drive for “OFF” segment, 180° out of phase for “ON” segment. Frequency is 20
times the conversion rate. Average DC component is less than 50 mV.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com