Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC7107CLP Datasheet(PDF) 15 Page - Microchip Technology

Part # TC7107CLP
Description  3-1/2 Digit Analog-to-Digital Converters
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC7107CLP Datasheet(HTML) 15 Page - Microchip Technology

Back Button TC7107CLP Datasheet HTML 11Page - Microchip Technology TC7107CLP Datasheet HTML 12Page - Microchip Technology TC7107CLP Datasheet HTML 13Page - Microchip Technology TC7107CLP Datasheet HTML 14Page - Microchip Technology TC7107CLP Datasheet HTML 15Page - Microchip Technology TC7107CLP Datasheet HTML 16Page - Microchip Technology TC7107CLP Datasheet HTML 17Page - Microchip Technology TC7107CLP Datasheet HTML 18Page - Microchip Technology TC7107CLP Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 34 page
background image
© 2008 Microchip Technology Inc.
DS21455D-page 15
TC7106/A/TC7107/A
In some applications, a scale factor other than unity
may exist between a transducer output voltage and the
required digital reading. Assume, for example, a
pressure transducer output is 400 mV for 2000 lb/in2.
Rather than dividing the input voltage by two, the
reference voltage should be set to 200 mV. This
permits the transducer input to be used directly.
The differential reference can also be used when a
digital zero reading is required when VIN is not equal to
zero. This is common in temperature measuring
instrumentation. A compensating offset voltage can be
applied between analog common and VIN-. The
transducer output is connected between VIN+ and
analog common.
The internal voltage reference potential available at
analog common will normally be used to supply the
converter’s
reference.
This
potential
is
stable
whenever
the
supply
potential
is
greater
than
approximately 7V. In applications where an externally
generated reference voltage is desired, refer to
Figure 7-1.
FIGURE 7-1:
External Reference.
TC7106A
TC7107A
6.8V
Zener
I
Z
V+
V+
V+
1.2V
Ref
Common
TC7106A
TC7107A
6.8 k
Ω
20 k
Ω
V
REF +
V
REF -
V
REF +
V
REF
-
(a)
(b)
V+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com