Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM28F020 Datasheet(PDF) 27 Page - Advanced Micro Devices

Part # AM28F020
Description  2 Megabit (256 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM28F020 Datasheet(HTML) 27 Page - Advanced Micro Devices

Back Button AM28F020 Datasheet HTML 23Page - Advanced Micro Devices AM28F020 Datasheet HTML 24Page - Advanced Micro Devices AM28F020 Datasheet HTML 25Page - Advanced Micro Devices AM28F020 Datasheet HTML 26Page - Advanced Micro Devices AM28F020 Datasheet HTML 27Page - Advanced Micro Devices AM28F020 Datasheet HTML 28Page - Advanced Micro Devices AM28F020 Datasheet HTML 29Page - Advanced Micro Devices AM28F020 Datasheet HTML 30Page - Advanced Micro Devices AM28F020 Datasheet HTML 31Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 35 page
background image
Am28F020
27
AC Characteristics—Write (Erase/Program) Operations
Notes:
1. Read timing characteristics during read/write operations are the same as during read-only operations. Refer to AC
Characteristics for Read Only operations.
2. Maximum pulse widths not required because the on-chip program/erase stop timer will terminate the pulse widths internally
on the device.
3. Chip Enable-Controlled Writes: Write operations are driven by the valid combination of Chip Enable (CE#) and Write Enable
(WE#). In systems where CE# defines the Write Pulse Width (within a longer WE# timing waveform) all setup, hold and
inactive WE# times should be measured relative to the CE# waveform.
4. Not 100% tested.
Parameter Symbols
Am28F020 Speed Options
JEDEC
Standard
Description
-70
-90
-120
-150
-200
Unit
tAVAV
tWC
Write Cycle Time (Note 4)
Min
70
90
120
150
200
ns
tAVWL
tAS
Address Setup Time
Min
0
0
0
0
0
ns
tWLAX
tAH
Address Hold Time
Min
45
45
50
60
75
ns
tDVWH
tDS
Data Setup Time
Min
45
45
50
50
50
ns
tWHDX
tDH
Data Hold Time
Min
10
10
10
10
10
ns
tWHGL
tWR
Write Recovery Time Before Read
Min
6
6
6
6
6
µs
tGHWL
Read Recovery Time Before Write
Min
0
0
0
0
0
µs
tELWL
tCS
CE
# Setup Time
Min
0
0
0
0
0
ns
tWHEH
tCH
CE
# Hold Time
Min
0
0
0
0
0
ns
tWLWH
tWP
Write Pulse Width
Min
45
45
50
60
60
ns
tWHWL
tWPH
Write Pulse Width High
Min
20
20
20
20
20
ns
tWHWH1
Duration of Programming Operation (Note 2)
Min
10
10
10
10
10
µs
tWHWH2
Duration of Erase Operation (Note 2)
Min
9.5
9.5
9.5
9.5
9.5
ms
tVPEL
VPP Setup Time to Chip Enable Low (Note 4)
Min
100
100
100
100
100
ns
tVCS
VCC Setup Time to Chip Enable Low (Note 4)
Min
50
50
50
50
50
µs
tVPPR
VPP Rise Time (Note 4) 90% VPPH
Min
500
500
500
500
500
ns
tVPPF
VPP Fall Time (Note 4) 10% VPPL
Min
500
500
500
500
500
ns
tLKO
VCC < VLKO to Reset (Note 4)
Min
100
100
100
100
100
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com