Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPQ4560 Datasheet(PDF) 13 Page - Monolithic Power Systems

Part # MPQ4560
Description  Industrial-Grade, 2A, 2MHz, 55V Step-Down Converter Available in AEC-Q100
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ4560 Datasheet(HTML) 13 Page - Monolithic Power Systems

Back Button MPQ4560 Datasheet HTML 9Page - Monolithic Power Systems MPQ4560 Datasheet HTML 10Page - Monolithic Power Systems MPQ4560 Datasheet HTML 11Page - Monolithic Power Systems MPQ4560 Datasheet HTML 12Page - Monolithic Power Systems MPQ4560 Datasheet HTML 13Page - Monolithic Power Systems MPQ4560 Datasheet HTML 14Page - Monolithic Power Systems MPQ4560 Datasheet HTML 15Page - Monolithic Power Systems MPQ4560 Datasheet HTML 16Page - Monolithic Power Systems MPQ4560 Datasheet HTML 17Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
MPQ4560
– 2A, 2MHz, 55V, STEP-DOWN CONVERTER
MPQ4560 Rev. 1.1
www.MonolithicPower.com
13
3/29/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
Table 1: Inductor Selection Guide
Part Number
Inductance
(µH)
Max DCR
(
Ω)
Current Rating
(A)
Dimensions
L × W × H (mm3)
Wurth Electronics
7447789004
4.7
0.033
2.9
7.3×7.3×3.2
744066100
10
0.035
3.6
10×10×3.8
744771115
15
0.025
3.75
12×12×6
744771122
22
0.031
3.37
12×12×6
TDK
RLF7030T-4R7
4.7
0.031
3.4
7.3×6.8×3.2
SLF10145T-100
10
0.0364
3
10.1×10.1×4.5
SLF12565T-150M4R2
15
0.0237
4.2
12.5×12.5×6.5
SLF12565T-220M3R5
22
0.0316
3.5
12.5×12.5×6.5
Toko
FDV0630-4R7M
4.7
0.049
3.3
7.7×7×3
919AS-100M
10
0.0265
4.3
10.3×10.3×4.5
919AS-160M
16
0.0492
3.3
10.3×10.3×4.5
919AS-220M
22
0.0776
3
10.3×10.3×4.5
Output Rectifier Diode
The output rectifier diode supplies the current to
the inductor when the high-side switch is OFF.
Use a Schottky diode to reduce losses from the
diode forward voltage and recovery times.
Choose a diode whose maximum reverse voltage
rating exceeds the maximum input voltage, and
whose current rating exceeds the maximum load
current. Table 2 lists example Schottky diodes
and manufacturers.
Table 2: Diode Selection Guide
Diodes
Voltage/
Current
Rating
Manufacturer
B290-13-F
90V, 2A
Diodes Inc.
B380-13-F
80V, 3A
Diodes Inc.
CMSH2-100M
100V, 2A
Central Semi
CMSH3-100MA
100V, 3A
Central Semi



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com