Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM28F256 Datasheet(PDF) 17 Page - Advanced Micro Devices

Part # AM28F256
Description  256 Kilobit (32 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM28F256 Datasheet(HTML) 17 Page - Advanced Micro Devices

Back Button AM28F256 Datasheet HTML 13Page - Advanced Micro Devices AM28F256 Datasheet HTML 14Page - Advanced Micro Devices AM28F256 Datasheet HTML 15Page - Advanced Micro Devices AM28F256 Datasheet HTML 16Page - Advanced Micro Devices AM28F256 Datasheet HTML 17Page - Advanced Micro Devices AM28F256 Datasheet HTML 18Page - Advanced Micro Devices AM28F256 Datasheet HTML 19Page - Advanced Micro Devices AM28F256 Datasheet HTML 20Page - Advanced Micro Devices AM28F256 Datasheet HTML 21Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 35 page
background image
Am28F256
17
Table 5.
Flashrite Programming Algorithm
Notes:
1. See AC and DC Characteristics for values of VPP parameters. The VPP power supply can be hard-wired to the device or
switchable. When VPP is switched, VPPL may be ground, no connect with a resistor tied to ground, or less than VCC + 2.0 V.
2.
Program Verify is performed only after byte programming. A final read/compare may be performed (optional) after the register
is written with the read command.
Bus Operations
Command
Comments
Standby
Wait for VPP Ramp to VPPH (Note 1)
Initialize Pulse counter
Write
Program Setup
Data = 40h
Program
Valid Address/Data
Standby
Duration of Programming Operation (tWHWH1)
Write
Program-Verify (Note 2)
Data = C0h Stops Program Operation
Standby
Write Recovery Time before Read = 6 µs
Read
Read Byte to Verify Programming
Standby
Compare Data Output to Data Expected
Write
Reset
Data = FFh, resets the register for read operations.
Standby
Wait for VPP Ramp to VPPL (Note 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com