Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM28F256A Datasheet(PDF) 17 Page - Advanced Micro Devices

Part # AM28F256A
Description  256 Kilobit (32 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory with Embedded Algorithms
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM28F256A Datasheet(HTML) 17 Page - Advanced Micro Devices

Back Button AM28F256A Datasheet HTML 13Page - Advanced Micro Devices AM28F256A Datasheet HTML 14Page - Advanced Micro Devices AM28F256A Datasheet HTML 15Page - Advanced Micro Devices AM28F256A Datasheet HTML 16Page - Advanced Micro Devices AM28F256A Datasheet HTML 17Page - Advanced Micro Devices AM28F256A Datasheet HTML 18Page - Advanced Micro Devices AM28F256A Datasheet HTML 19Page - Advanced Micro Devices AM28F256A Datasheet HTML 20Page - Advanced Micro Devices AM28F256A Datasheet HTML 21Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 35 page
background image
Am28F256A
17
DQ5
Exceeded Timing Limits
DQ5 will indicate if the program or erase time has
exceeded the specified limits. This is a failure condi-
tion and the device may not be used again (internal
pulse count exceeded). Under these conditions DQ5
will produce a “1.” The program or erase cycle was not
successfully completed. Data# Polling is the only op-
erating function of the device under this condition. The
CE# circuit will partially power down the device under
these conditions (to approximately 2 mA). The OE#
and WE# pins will control the output disable functions
as described in the Command Definitions table in the
corresponding device data sheet.
Parallel Device Erasure
The Embedded Erase algorithm greatly simplifies par-
allel device erasure. Since the erase process is internal
to the device, a single erase command can be given to
multiple devices concurrently. By implementing a paral-
lel erase algorithm, total erase time may be minimized.
Note that the Flash memories may erase at different
rates. If this is the case, when a device is completely
erased, use a masking code to prevent further erasure
(over-erasure). The other devices will continue to erase
until verified. The masking code applied could be the
read command (00h).
Power-Up/Power-Down Sequence
The device powers-up in the Read only mode. Power
supply sequencing is not required. Note that if VCC ≤
1.0 Volt, the voltage difference between VPP and VCC
should not exceed 10.0 Volts. Also, the device has a
rise VPP rise time and fall time specification of 500 ns
minimum.
Reset Command
The Reset command initializes the Flash memory de-
vice to the Read mode. In addition, it also provides the
user with a safe method to abort any device operation
(including program or erase).
The Reset must be written two consecutive times after
the Setup Program command (10h or 50h). This will
reset the device to the Read mode.
Following any other Flash command, write the Reset
command once to the device. This will safely abort any
previous operation and initialize the device to the Read
mode.
The Setup Program command (10h or 50h) is the only
command that requires a two-sequence reset cycle. The
first Reset command is interpreted as program data.
However, FFh data is considered as null data during pro-
gramming operations (memory cells are only pro-
grammed from a logical “1" to “0"). The second Reset
command safely aborts the programming operation and
resets the device to the Read mode.
Memory contents are not altered in any case.
CE#
tOEH
WE#
OE#
Data
DQ0–DQ7
DQ6 =
DQ6 =
DQ6
Stop Toggling
DQ0–DQ7
Valid
tOE
*
18879C-11
Note:
*DQ6 stops toggling (The device has completed the Embedded operation.)
Figure 6.
AC Waveforms for Toggle Bit during Embedded Algorithm Operations



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com