Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7722ASZ Datasheet(PDF) 6 Page - Analog Devices

Part # AD7722ASZ
Description  16-Bit, 195 kSPS CMOS,-ADC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7722ASZ Datasheet(HTML) 6 Page - Analog Devices

Back Button AD7722ASZ Datasheet HTML 2Page - Analog Devices AD7722ASZ Datasheet HTML 3Page - Analog Devices AD7722ASZ Datasheet HTML 4Page - Analog Devices AD7722ASZ Datasheet HTML 5Page - Analog Devices AD7722ASZ Datasheet HTML 6Page - Analog Devices AD7722ASZ Datasheet HTML 7Page - Analog Devices AD7722ASZ Datasheet HTML 8Page - Analog Devices AD7722ASZ Datasheet HTML 9Page - Analog Devices AD7722ASZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
REV. B
–6–
AD7722
ZERO FOR LAST 16 SCO CYCLES
VALID DATA FOR 16 SCO CYCLES
VALID
CLKIN
SCO
(CFMT = 0)
FSO
(SFMT = 0)
SCO
32 SCO CYCLES
64 CKLIN CYCLES
Figure 2a. Generalized Serial Mode Timing (FSI = Logic Low or High, TSI = DOE)
ZERO FOR LAST 16 SCO CYCLES
VALID DATA FOR 16 SCO CYCLES
VALID
CLKIN
SCO
(CFMT = 0)
FSO
(SFMT = 1)
SCO
HIGH FOR LAST 16 SCO CYCLES
LOW FOR 16 SCO CYCLES
64 CKLIN CYCLES
32 SCO CYCLES
Figure 2b. Generalized Serial Mode Timing (FSI = Logic Low or High, TSI = DOE)
t2
t3
t4
t5
0.8V
2.3V
t8
t1
t6
t7
t9
t
9
t10
CLKIN
FSI
SCO
Figure 3. Serial Mode Timing for Clock Input, Frame Sync Input, and Serial Clock Output
CLKIN
LOW FOR
D15–D0
t1
t10
t11
t12
t14
t13
t13
D15
D14
D13
D1
D0
D15
D14
D13
D1
D0
t12
t11
FSI
SCO
FSO
SDO
SCO
FSO
SDO
SFMT = LOGIC
LOW(0)
SFMT = LOGIC
HIGH(1)
Figure 4. Serial Mode Timing for Frame Sync Input, Frame Sync Output, Serial Clock Output,
and Serial Data Output (CFMT = Logic Low, TSI = DOE)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com