Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7811 Datasheet(PDF) 9 Page - Analog Devices

Part # AD7811
Description  2.7 V to 5.5 V, 350 kSPS, 10-Bit 4-/8-Channel Sampling ADCs
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7811 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD7811 Datasheet HTML 5Page - Analog Devices AD7811 Datasheet HTML 6Page - Analog Devices AD7811 Datasheet HTML 7Page - Analog Devices AD7811 Datasheet HTML 8Page - Analog Devices AD7811 Datasheet HTML 9Page - Analog Devices AD7811 Datasheet HTML 10Page - Analog Devices AD7811 Datasheet HTML 11Page - Analog Devices AD7811 Datasheet HTML 12Page - Analog Devices AD7811 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
AD7811/AD7812
–9–
REV. B
Table I. AD7811 Channel Configurations
VIN4/
AGND
DIF/
SGL
CH1
CH0
Description
00
0
0
VIN1 Single-Ended with Respect to AGND
00
0
1
VIN2 Single-Ended with Respect to AGND
00
1
0
VIN3 Single-Ended with Respect to AGND
00
1
1
VIN4 Single-Ended with Respect to AGND
10
0
0
VIN1 Pseudo Differential with Respect to VIN4
10
0
1
VIN2 Pseudo Differential with Respect to VIN4
10
1
0
VIN3 Pseudo Differential with Respect to VIN4
X1
0
0
VIN1(+) Pseudo Differential with Respect to VIN2(–)
X1
0
1
VIN3(+) Pseudo Differential with Respect to VIN4(–)
X
1
1
0
Internal Test. SAR Input Equal to VREF/2
X
1
1
1
Internal Test. SAR Input Equal to VREF
Table II. AD7812 Channel Configurations
VIN8/
AGND
DIF/
SGL
CH2
CH1
CH0
Description
0
0
000
VIN1 Single-Ended with Respect to AGND
0
0
001
VIN2 Single-Ended with Respect to AGND
0
0
010
VIN3 Single-Ended with Respect to AGND
0
0
011
VIN4 Single-Ended with Respect to AGND
0
0
100
VIN5 Single-Ended with Respect to AGND
0
0
101
VIN6 Single-Ended with Respect to AGND
0
0
110
VIN7 Single-Ended with Respect to AGND
0
0
111
VIN8 Single-Ended with Respect to AGND
1
0
000
VIN1 Pseudo Differential with Respect to VIN8
1
0
001
VIN2 Pseudo Differential with Respect to VIN8
1
0
010
VIN3 Pseudo Differential with Respect to VIN8
1
0
011
VIN4 Pseudo Differential with Respect to VIN8
1
0
100
VIN5 Pseudo Differential with Respect to VIN8
1
0
101
VIN6 Pseudo Differential with Respect to VIN8
1
0
110
VIN7 Pseudo Differential with Respect to VIN8
X
1
000
VIN1(+) Pseudo Differential with Respect to VIN2(–)
X
1
001
VIN3(+) Pseudo Differential with Respect to VIN4(–)
X
1
010
VIN5(+) Pseudo Differential with Respect to VIN6(–)
X
1
011
VIN7(+) Pseudo Differential with Respect to VIN8(–)
X
1
1
0
0
Internal Test. SAR Input Equal to VREF/2
X
1
1
0
1
Internal Test. SAR Input Equal to VREF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com