Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM28F512 Datasheet(PDF) 13 Page - Advanced Micro Devices

Part # AM28F512
Description  512 Kilobit (64 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM28F512 Datasheet(HTML) 13 Page - Advanced Micro Devices

Back Button AM28F512 Datasheet HTML 9Page - Advanced Micro Devices AM28F512 Datasheet HTML 10Page - Advanced Micro Devices AM28F512 Datasheet HTML 11Page - Advanced Micro Devices AM28F512 Datasheet HTML 12Page - Advanced Micro Devices AM28F512 Datasheet HTML 13Page - Advanced Micro Devices AM28F512 Datasheet HTML 14Page - Advanced Micro Devices AM28F512 Datasheet HTML 15Page - Advanced Micro Devices AM28F512 Datasheet HTML 16Page - Advanced Micro Devices AM28F512 Datasheet HTML 17Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 35 page
background image
Am28F512
13
Flasherase Electrical Erase Algorithm
This Flash memory device erases the entire array in
parallel. The erase time depends on VPP, temperature,
and number of erase/program cycles on the device. In
general, reprogramming time increases as the number
of erase/program cycles increases.
The Flasherase electrical erase algorithm employs an
interactive closed loop flow to simultaneously erase all
bits in the array. Erasure begins with a read of the mem-
ory contents. The device is erased when shipped from
the factory. Reading FFh data from the device would
immediately be followed by executing the Flashrite pro-
gramming algorithm with the appropriate data pattern.
Should the device be currently programmed, data other
than FFh will be returned from address locations.
Follow the Flasherase algorithm. Uniform and reliable
erasure is ensured by first programming all bits in the
device to their charged state (Data = 00h). This is
accomplished using the Flashrite Pro grammin g
algorithm. Erasure then continues with an initial erase
operation. Erase verification (Data = FFh) begins at
address 0000h and continues through the array to the
l a s t ad dres s , or unt i l da t a ot he r t h a n FF h i s
encountered. If a byte fails to verify, the device is
eras e d agai n. W i th eac h e ra s e operati o n , a n
increasing number of bytes verify to the erased state.
Typically, devices are erased in less than 100 pulses
(one second). Erase efficiency may be improved by
storing the address of the last byte that fails to verify in
a re gist er. Followin g t he nex t era se op era tion ,
verification may start at the stored address location. A
total of 1000 erase pulses are allowed per reprogram
cycle, which corresponds to approximately 10 seconds
of cumulative erase time. The entire sequence of erase
and byte verification is performed with high voltage
applied to the VPP pin. Figure 1 illustrates the electrical
erase algorithm.
Table 4.
Flasherase Electrical Erase Algorithm
Notes:
1. See AC and DC Characteristics for values of VPP parameters. The VPP power supply can be hard-wired to the device or
switchable. When VPP is switched, VPPL may be ground, no connect with a resistor tied to ground, or less than VCC + 2.0 V.
2. Erase Verify is performed only after chip erasure. A final read compare may be performed (optional) after the register is written
with the read command.
3. The erase algorithm Must Be Followed to ensure proper and reliable operation of the device.
Bus Operations
Command
Comments
Entire memory must = 00h before erasure (Note 3)
Note: Use Flashrite programming algorithm (Figure 3) for
programming.
Standby
Wait for VPP Ramp to VPPH (Note 1)
Initialize:
Addresses
PLSCNT (Pulse count)
Write
Erase Setup
Data = 20h
Erase
Data = 20h
Standby
Duration of Erase Operation (tWHWH2)
Write
Erase-Verify (Note 2)
Address = Byte to Verify
Data = A0h
Stops Erase Operation
Standby
Write Recovery Time before Read = 6 µs
Read
Read byte to verify erasure
Standby
Compare output to FFh
Increment pulse count
Write
Reset
Data = FFh, reset the register for read operations
Standby
Wait for VPP Ramp to VPPL (Note 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com