Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8111AST Datasheet(PDF) 12 Page - Analog Devices

Part # AD8111AST
Description  260 MHz, 16  8 Buffered Video Crosspoint Switches
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8111AST Datasheet(HTML) 12 Page - Analog Devices

Back Button AD8111AST Datasheet HTML 8Page - Analog Devices AD8111AST Datasheet HTML 9Page - Analog Devices AD8111AST Datasheet HTML 10Page - Analog Devices AD8111AST Datasheet HTML 11Page - Analog Devices AD8111AST Datasheet HTML 12Page - Analog Devices AD8111AST Datasheet HTML 13Page - Analog Devices AD8111AST Datasheet HTML 14Page - Analog Devices AD8111AST Datasheet HTML 15Page - Analog Devices AD8111AST Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 29 page
background image
REV. A
AD8110/AD8111
–11–
FREQUENCY
Hz
30
40
10k
100k
10M
1M
50
60
70
80
90
RL = 150
TPC 13. AD8110 PSRR vs. Frequency
FREQUENCY
Hz
100
56.3
10
1k
10M
100k
31.6
17.
8
10
5.63
3.16
100
10k
1M
TPC 14. AD8110 Voltage Noise vs. Frequency
FREQUENCY
MHz
1M
0.1
1
500
10
100k
10k
1k
100
100
TPC 15. AD8110 Output Impedance, Disabled
UPDATE INPUT
TYPICAL VIDEO OUT (RTO)
5
4
3
2
1
0
10
–10
0
50ns/DIV
SWITCHING BETWEEN
TWO INPUTS
TPC 16. AD8110 Switching Transient (Glitch)
FREQUENCY – Hz
100k
1M
500M
10M
100M
VIN = 2V p-p
RL = 150
–50
–60
–70
–80
–90
–100
–110
–120
–130
TPC 17. AD8110 Off Isolation, Input-Output
10,000
1000
100
10
1
0.1
FREQUENCY – Hz
100k
1M
500M
10M
100M
TPC 18. AD8110 Output Impedance, Enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com