Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFVLF10M7HAA0-R0 Datasheet(PDF) 1 Page - Murata Manufacturing Co., Ltd.

Part # SFVLF10M7HAA0-R0
Description  CERAFIL for FM
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

SFVLF10M7HAA0-R0 Datasheet(HTML) 1 Page - Murata Manufacturing Co., Ltd.

  SFVLF10M7HAA0-R0 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
o Part Numbering
e
LF
w
E
u
A0
q
SF
t
F
r
10M7
y
A
i
-B0
(Part Number)
qProduct ID
wOscillation/Number of Elements
CERAFILr for FM
SF
Ceramic Filters
Product ID
p
is expressed "
A" or subsequent code, which indicates the
structure/size.
eStructure/Size
Bulk
Embossed Taping ø180mm
Embossed Taping ø330mm
1500pcs. /Radial Taping H0=18mm
1000pcs. /Radial Taping H0=18mm
iPackaging
-B0
-R0
-R1
-A0
-A1
Code
Packaging
Radial taping is applied to lead type and embossed taping to chip
type. With non-standard products, two-digit alphanumerics indicating
"Individual Specification" are added between "
uSeries" and
"
iPackaging".
3dB bandwidth of "
F" signifies the frequency difference (both + and -)
from reference frequency which is nominal center frequency.
2 Elements Thickness Expander mode
3 Elements Thickness Expander mode
2 Elements Thickness Expander mode
(2nd Harmonic)
2 Elements Thickness Expander mode
(3rd Over Tone)
E
T
V
K
Code
Oscillation/Number of Elements
Lead Type
Chip Type
Lp
Cp
Code
Structure/Size
rNominal Center Frequency
Expressed by four-digit alphanumerics. The unit is in hertz (Hz).
Decimal point is expressed by capital letter "M" in case of MHz.
t3dB Bandwidth
C
D
E
F
G
H
J
K
L
M
N
450kHz min
350kHz min
330kHz
280kHz
230kHz
180kHz
150kHz
110kHz
80kHz
50kHz
35kHz
Code
3dB Bandwidth
uSeries
A0
Two-digit alphanumerics express series
Code
Series
yCenter Frequency/Tolerance
A
B
C
D
E
H
V
W
K
Z
M
F
Center Frequency mentioned by specification
-30kHz shifted from center frequency of code "A"
+30kHz shifted from center frequency of code "A"
-60kHz shifted from center frequency of code "A"
+60kHz shifted from center frequency of code "A"
Center Frequency mentioned by specification
-50kHz shifted from center frequency of code "H"
+50kHz shifted from center frequency of code "H"
Center Frequency mentioned by specification
Combination of A, B, C, D, E
Combination of A, B, C
Nominal Center Frequency
Code
Center Frequency
±30kHz
±30kHz
±30kHz
±30kHz
±30kHz
±25kHz
±25kHz
±25kHz
±20kHz
Tolerance


Similar Part No. - SFVLF10M7HAA0-R0

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
SFVLF10M7HAA0-R0 MURATA-SFVLF10M7HAA0-R0 Datasheet
20Kb / 1P
CERAFIL for FM
More results

Similar Description - SFVLF10M7HAA0-R0

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA7021T PHILIPS-TDA7021T Datasheet
145Kb / 13P
FM radio circuit for MTS
May 1992
logo
Murata Manufacturing Co...
P61E7 MURATA-P61E7 Datasheet
992Kb / 57P
Ceramic Filters (CERAFIL) for FM Receivers
logo
New Japan Radio
NJM2294 NJRC-NJM2294_1 Datasheet
193Kb / 9P
FM IF IC FOR PAGER
NJM2537 NJRC-NJM2537_1 Datasheet
228Kb / 10P
FM IF IC FOR PAGERS
logo
Panasonic Semiconductor
AN18165B PANASONIC-AN18165B Datasheet
223Kb / 7P
FM-MPX demodulation / FM noise canceller for car radio
logo
Shenzhen Luguang Electr...
JT107MC1 LUGUANG-JT107MC1 Datasheet
141Kb / 7P
Ceramics discriminator for FM receiver
JT107MG3 LUGUANG-JT107MG3 Datasheet
157Kb / 7P
Ceramics discriminator for FM receiver
logo
Murata Manufacturing Co...
SFELF10M7HA00-B0 MURATA-SFELF10M7HA00-B0 Datasheet
60Kb / 3P
CERAFIL 10.7MHz Standard Lead Type
SFVLF10M7MF00-B0 MURATA-SFVLF10M7MF00-B0 Datasheet
20Kb / 1P
CERAFIL for FM
logo
Murata Manufacturing Co...
SFE10.7MS2-Z.7 MURATA1-SFE10.7MS2-Z.7 Datasheet
404Kb / 23P
CERAMIC FILTER (CERAFIL®) For FM Receivers
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com