Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29DL800B Datasheet(PDF) 18 Page - Advanced Micro Devices

Part # AM29DL800B
Description  8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29DL800B Datasheet(HTML) 18 Page - Advanced Micro Devices

Back Button AM29DL800B Datasheet HTML 14Page - Advanced Micro Devices AM29DL800B Datasheet HTML 15Page - Advanced Micro Devices AM29DL800B Datasheet HTML 16Page - Advanced Micro Devices AM29DL800B Datasheet HTML 17Page - Advanced Micro Devices AM29DL800B Datasheet HTML 18Page - Advanced Micro Devices AM29DL800B Datasheet HTML 19Page - Advanced Micro Devices AM29DL800B Datasheet HTML 20Page - Advanced Micro Devices AM29DL800B Datasheet HTML 21Page - Advanced Micro Devices AM29DL800B Datasheet HTML 22Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 43 page
background image
18
Am29DL800B
P R E L I M I NARY
the non-erasing bank. The system can determine the
status of the erase operation by reading DQ7, DQ6,
DQ2, or RY/BY# in the erasing bank. Refer to the Write
Operation Status section for information on these sta-
tus bits.
Once the sector erase operation has begun, only the
Erase Suspend command is valid. All other commands
are ignored. However, note that a hardware reset im-
mediately terminates the erase operation. If that oc-
curs, the sector erase command sequence should be
reinitiated once that bank has returned to reading array
data, to ensure data integrity.
Figure 4 illustrates the algorithm for the erase opera-
tion. Refer to the Erase and Program Operations tables
in the AC Characteristics section for parameters, and
Figure 18 section for timing diagrams.
Erase Suspend/Erase Resume Commands
The Erase Suspend command, B0h, allows the sys-
tem to interrupt a sector erase operation and then
read data from, or program data to, any sector not se-
lected for erasure. The bank address is required when
writing this command. This command is valid only dur-
ing the sector erase operation, including the 50 µs
time-out period during the sector erase command se-
quence. The Erase Suspend command is ignored if
written during the chip erase operation or Embedded
Program algorithm.
When the Erase Suspend command is written during
the sector erase operation, the device requires a max-
imum of 20 µs to suspend the erase operation. How-
ever, when the Erase Suspend command is written
during the sector erase time-out, the device immedi-
ately terminates the time-out period and suspends the
erase operation.
After the erase operation has been suspended, the
bank enters the erase-suspend-read mode. The sys-
tem can read data from or program data to any sector
not selected for erasure. (The device “erase suspends”
all sectors selected for erasure.) Reading at any ad-
dress within erase-suspended sectors produces status
information on DQ7–DQ0. The system can use DQ7,
or DQ6 and DQ2 together, to determine if a sector is
actively erasing or is erase-suspended. Refer to the
Write Operation Status section for information on these
status bits.
After an erase-suspended program operation is com-
plete, the bank returns to the erase-suspend-read
mode. The system can determine the status of the pro-
gram operation using the DQ7 or DQ6 status bits, just
as in the standard Byte Program operation. Refer to the
Write Operation Status section for more information.
In the erase-suspend-read mode, the system can also
issue the autoselect command sequence. Refer to the
Autoselect Mode and Autoselect Command Sequence
sections for details.
To resume the sector erase operation, the system must
write the Erase Resume command. The bank address
of the erase-suspended bank is required when writing
this command. Further writes of the Resume command
are ignored. Another Erase Suspend command can be
written after the chip has resumed erasing.
Notes:
1. See Table 5 for erase command sequence.
2. See the section on DQ3 for information on the sector
erase timer.
Figure 4.
Erase Operation
START
Write Erase
Command Sequence
(Notes 1, 2)
Data Poll to Erasing
Bank from System
Data = FFh?
No
Yes
Erasure Completed
Embedded
Erase
algorithm
in progress
21519A-8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com