Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NB650GL Datasheet(PDF) 13 Page - Monolithic Power Systems

Part # NB650GL
Description  High-Effeciency, Fast-Transient, 6A, 28V Synchronous Step-Down Converters with 2-Bit VID
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

NB650GL Datasheet(HTML) 13 Page - Monolithic Power Systems

Back Button NB650GL Datasheet HTML 9Page - Monolithic Power Systems NB650GL Datasheet HTML 10Page - Monolithic Power Systems NB650GL Datasheet HTML 11Page - Monolithic Power Systems NB650GL Datasheet HTML 12Page - Monolithic Power Systems NB650GL Datasheet HTML 13Page - Monolithic Power Systems NB650GL Datasheet HTML 14Page - Monolithic Power Systems NB650GL Datasheet HTML 15Page - Monolithic Power Systems NB650GL Datasheet HTML 16Page - Monolithic Power Systems NB650GL Datasheet HTML 17Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
NB650/NB650H – 6A, 28V, FAST-TRANSIENT, SYNCHRONOUS STEP-DOWN CONVERTERS
NB650/NB650H Rev. 1.12
www.MonolithicPower.com
13
10/11/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
on the output and triggers OCP immediately. This
is short circuit protection (SCP).
Under OCP/SCP condition, NB650 will latch off.
The converter needs power cycle to restart.
NB650H will try to recover from OCP/SCP fault
with hiccup mode. That means in OCP/SCP
protection, the NB650H will disable the output
power stage, discharge soft-start capacitor and
then automatically try to start again. If the over-
current condition still holds after soft-start ends,
the NB650H repeats this operation cycle till over-
current fault is removed and output rises back to
regulation level.
Over/Under-Voltage Protection
The NB650/NB650H monitors the output voltage
through the FB voltage to detect overvoltage and
under voltage on the output. When the FB
voltage
exceeds
0.8V,
the
over-voltage
protection (OVP) triggers. Once OVP triggers,
the LS-FET is always on while the HS-FET is
always off. The device needs to power cycle to
power up again. Under-voltage protection (UVP)
triggers when the FB voltage is below 0.4V.
Usually, UVP accompanies hitting the current
limit, which results in SCP.
UVLO Protection
The NB650/NB650H has under-voltage lockout
(UVLO) protection. When VIN exceeds the UVLO-
rising threshold voltage, the NB650/NB650H
powers up. It shuts off when VIN falls below the
UVLO-falling threshold voltage. This is non-latch
protection.
Thermal Shutdown
The NB650/NB650H employs thermal shutdown
by internally monitoring the temperature of the
junction. If the junction temperature exceeds the
threshold value (typically 150°C), the converter
shuts off. This is non-latch protection. There is
about 25°C hysteresis. Once the junction
temperature drops to around 125°C, it initiates a
soft-start.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com