Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9517-0ABCPZ Datasheet(PDF) 58 Page - Analog Devices

Part # AD9517-0ABCPZ
Description  12-Output Clock Generator with Integrated 2.8 GHz VCO
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9517-0ABCPZ Datasheet(HTML) 58 Page - Analog Devices

Back Button AD9517-0ABCPZ Datasheet HTML 54Page - Analog Devices AD9517-0ABCPZ Datasheet HTML 55Page - Analog Devices AD9517-0ABCPZ Datasheet HTML 56Page - Analog Devices AD9517-0ABCPZ Datasheet HTML 57Page - Analog Devices AD9517-0ABCPZ Datasheet HTML 58Page - Analog Devices AD9517-0ABCPZ Datasheet HTML 59Page - Analog Devices AD9517-0ABCPZ Datasheet HTML 60Page - Analog Devices AD9517-0ABCPZ Datasheet HTML 61Page - Analog Devices AD9517-0ABCPZ Datasheet HTML 62Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 80 page
background image
AD9517-0
Data Sheet
Rev. E | Page 58 of 80
Reg.
Addr.
(Hex)
Parameter
Bit 7 (MSB)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0 (LSB)
Default
Value
(Hex)
LVPECL Channel Dividers
0x190
Divider 0
(PECL)
Divider 0 low cycles
Divider 0 high cycles
0x00
0x191
Divider 0
bypass
Divider 0
nosync
Divider 0
force high
Divider 0
start high
Divider 0 phase offset
0x80
0x192
Blank
Reserved
Divider 0
direct to
output
Divider 0
DCCOFF
0x00
0x193
to
0x195
Reserved
0x196
Divider1
(PECL)
Divider 1 low cycles
Divider 1 high cycles
0x00
0x197
Divider 1
bypass
Divider 1
nosync
Divider 1
force high
Divider 1
start high
Divider 1 phase offset
0x00
0x198
Blank
Reserved
Divider 1
direct to
output
Divider 1
DCCOFF
0x00
LVDS/CMOS Channel Dividers
0x199
Divider 2
(LVDS/CMOS)
Low Cycles Divider 2.1
High Cycles Divider 2.1
0x22
0x19A
Phase Offset Divider 2.2
Phase Offset Divider 2.1
0x00
0x19B
Low Cycles Divider 2.2
High Cycles Divider 2.2
0x11
0x19C
Reserved
Bypass
Divider 2.2
Bypass
Divider 2.1
Divider 2
nosync
Divider 2
force high
Start High
Divider 2.2
Start High
Divider 2.1
0x00
0x19D
Blank
Reserved
Divider 2
DCCOFF
0x00
0x19E
Divider 3
(LVDS/CMOS)
Low Cycles Divider 3.1
High Cycles Divider 3.1
0x22
0x19F
Phase Offset Divider 3.2
Phase Offset Divider 3.1
0x00
0x1A0
Low Cycles Divider 3.2
High Cycles Divider 3.2
0x11
0x1A1
Reserved
Bypass
Divider 3.2
Bypass
Divider 3.1
Divider 3
nosync
Divider 3
force high
Start High
Divider 3.2
Start High
Divider 3.1
0x00
0x1A2
Blank
Reserved
Divider 3
DCCOFF
0x00
0x1A3
Reserved
0x1A4
to
0x1DF
Blank
VCO Divider and CLK Input
0x1E0
VCO divider
Blank
Reserved
VCO Divider
0x02
0x1E1
Input CLKs
Reserved
Power
down
clock input
section
Power down
VCO clock
interface
Power
down VCO
and CLK
Select
VCO or CLK
Bypass VCO
divider
0x00
0x1E2
to
0x22A
Blank
System
0x230
Power down
and sync
Reserved
Power
down sync
Power
down
distribution
reference
Soft sync
0x00
0x231
Blank
Reserved
0x00
Update All Registers
0x232
Update all
registers
Blank
Update all
registers (self-
clearing bit)
0x00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com