Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29F010 Datasheet(PDF) 12 Page - Advanced Micro Devices

Part # AM29F010
Description  1 Megabit (128 K x 8-bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29F010 Datasheet(HTML) 12 Page - Advanced Micro Devices

Back Button AM29F010 Datasheet HTML 8Page - Advanced Micro Devices AM29F010 Datasheet HTML 9Page - Advanced Micro Devices AM29F010 Datasheet HTML 10Page - Advanced Micro Devices AM29F010 Datasheet HTML 11Page - Advanced Micro Devices AM29F010 Datasheet HTML 12Page - Advanced Micro Devices AM29F010 Datasheet HTML 13Page - Advanced Micro Devices AM29F010 Datasheet HTML 14Page - Advanced Micro Devices AM29F010 Datasheet HTML 15Page - Advanced Micro Devices AM29F010 Datasheet HTML 16Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 31 page
background image
12
Am29F010
written. If the time between additional sector erase
commands can be assumed to be less than 50
µs, the
system need not monitor DQ3. Any command during
the time-out period resets the device to reading
array data. The system must rewrite the command se-
quence and any additional sector addresses and com-
mands.
The system can monitor DQ3 to determine if the sector
erase timer has timed out. (See the “DQ3: Sector
Erase Timer” section.) The time-out begins from the ris-
ing edge of the final WE# pulse in the command se-
quence.
Once the sector erase operation has begun, all other
commands are ignored.
When the Embedded Erase algorithm is complete, the
device returns to reading array data and addresses are
no longer latched. The system can determine the sta-
tus of the erase operation by using DQ7 or DQ6. Refer
to “Write Operation Status” for information on these
status bits.
Figure 2 illustrates the algorithm for the erase opera-
tion. Refer to the Erase/Program Operations tables in
the “AC Characteristics” section for parameters, and to
the Sector Erase Operations Timing diagram for timing
waveforms.
Notes:
1. See the appropriate Command Definitions table for erase
command sequence.
2. See “DQ3: Sector Erase Timer” for more information.
Figure 2.
Erase Operation
START
Write Erase
Command Sequence
Data Poll
from System
Data = FFh?
No
Yes
Erasure Completed
Embedded
Erase
algorithm
in progress
16736G-8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com