Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9851 Datasheet(PDF) 21 Page - Analog Devices

Part # AD9851
Description  CMOS 180 MHz DDS/DAC Synthesizer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9851 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD9851 Datasheet HTML 16Page - Analog Devices AD9851 Datasheet HTML 17Page - Analog Devices AD9851 Datasheet HTML 18Page - Analog Devices AD9851 Datasheet HTML 19Page - Analog Devices AD9851 Datasheet HTML 20Page - Analog Devices AD9851 Datasheet HTML 21Page - Analog Devices AD9851 Datasheet HTML 22Page - Analog Devices AD9851 Datasheet HTML 23Page - Analog Devices AD9851 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
AD9851
–21–
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
9
8
7
6
5
4
3
2
12
13
14
15
16
17
18
19
11
1
STROBE
D0
D1
D2
D3
D4
D5
D6
D7
U2
74HCT574
J1
C36CPR2
RRSET
8D
7D
6D
5D
4D
3D
2D
1D
8Q
7Q
6Q
5Q
4Q
3Q
2Q
1Q
CK
OE
FFQUD
WWCLK
CHECK
STROBE
VCC
Y1
OUT
GND
7
8
14
5V
XTAL
OSC
(OPTIONAL)
R2
50
J5
CLKIN
REMOVE WHEN
USING Y1
H1
#6
H2
#6
H3
#6
H4
#6
MOUNTING HOLES
R3
2.2k
STROBE
5V
WWCLK
FFQUD
RRESET
R11
2.2k
R9
2.2k
R10
2.2k
J2
+V
J3
5V
J4
GND
BANANA
JACKS
28
27
26
25
24
23
22
21
20
19
18
17
16
15
1
2
3
4
5
6
7
8
9
10
11
12
13
14
VOUTP
VOUTN
RSET
AVDD
AGND
REFCLOCK
FQ UD
D3
D2
D1
D0
W CLK
PVCC
PGND
VINN
VINP
DACBL
AVDD
AGND
IOUTB
IOUT
D4
D5
D6
D7
RESET
DVDD
DGND
U1
AD9851
+V
GND
CLKIN
FQUD
D3
D2
D1
D0
WCLK
+V
GND
+V
GND
D4
D5
D6
D7
RESET
+V
GND
R5
100k
R12
J7
BNC
R1
3.9k
10mA
RESET
C1
470pF
E1
E2
R4
100k
E6
E5
R6
200
C11
22pF
C12
1pF
L1
470nH
C13
33pF
C14
5.6pF
L2
390nH
C15
22pF
C16
4.7pF
L3
390nH
C17
22pF
R7
200
70MHz ELLIPTICAL LOW-PASS FILTER
7TH ORDER 200 Z
TO BYPASS ON BOARD FILTER
1. REMOVE E6 TO E5 JUMPER
2. INSTALL APPROPRIATE R12 FOR IOUT TERMINATION
R8
100
J6
E4
E3
J8
BNC
J9
BNC
9
8
7
6
5
4
3
2
12
13
14
15
16
17
18
19
8D
7D
6D
5D
4D
3D
2D
1D
8Q
7Q
6Q
5Q
4Q
3Q
2Q
1Q
CK
OE
11
1
STROBE
RESET
WCLK
FQUD
CHECK
U3
74HCT574
RRESET
WWCLK
FFQUD
RRESET
AD9851/CGPCB
CLOCK GENERATOR
EVALUATION BOARD
(SSOP PACKAGE)
C2
0.1F
C3
0.1F
C4
0.1F
C5
0.1F
C8
0.1F
C9
0.1F
C10
0.1F
+V
5V
C6
10F
C7
10F
+V
5V
NC
NC = NO CONNECT
Figure 24. CGPCB Electrical Schematic
REV. D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com