Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29F040B-1 Datasheet(PDF) 22 Page - Advanced Micro Devices

Part # AM29F040B-1
Description  4 Megabit (512 K x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29F040B-1 Datasheet(HTML) 22 Page - Advanced Micro Devices

Back Button AM29F040B-1 Datasheet HTML 18Page - Advanced Micro Devices AM29F040B-1 Datasheet HTML 19Page - Advanced Micro Devices AM29F040B-1 Datasheet HTML 20Page - Advanced Micro Devices AM29F040B-1 Datasheet HTML 21Page - Advanced Micro Devices AM29F040B-1 Datasheet HTML 22Page - Advanced Micro Devices AM29F040B-1 Datasheet HTML 23Page - Advanced Micro Devices AM29F040B-1 Datasheet HTML 24Page - Advanced Micro Devices AM29F040B-1 Datasheet HTML 25Page - Advanced Micro Devices AM29F040B-1 Datasheet HTML 26Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 35 page
background image
22
Am29F040B
AC CHARACTERISTICS
Read Only Operations
Notes:
1. See Figure 7 and Table 6 for test conditions.
2. Output driver disable time.
3. Not 100% tested.
Parameter Symbols
Description
Test Setup
Speed Options (Note 1)
Unit
JEDEC
Std
-55
-70
-90
-120
-150
tAVAV
tRC
Read Cycle Time (Note 3)
Min
55
70
90
120
150
ns
tAVQV
tACC
Address to Output Delay
CE# = VIL,
OE# = VIL
Max
55
70
90
120
150
ns
tELQV
tCE
Chip Enable to Output Delay
OE# = VIL
Max
55
70
90
120
150
ns
tGLQV
tOE
Output Enable to Output Delay
Max
30
30
35
50
55
ns
tOEH
Output Enable Hold
Time (Note 3)
Read
Min
0000
0
ns
Toggle and
Data# Polling
Min
1010
10
1010
ns
tEHQZ
tDF
Chip Enable to Output High Z
(Notes 2, 3)
Max
1820
20
3035
ns
tGHQZ
tDF
Output Enable to Output High Z
(Notes 2, 3)
18
20
20
30
35
ns
tAXQX
tOH
Output Hold Time from Addresses, CE#
or OE#, Whichever Occurs First
Min
0000
0
ns
tCE
Outputs
WE#
Addresses
CE#
OE#
HIGH Z
Output Valid
HIGH Z
Addresses Stable
tRC
tACC
tOEH
tOE
0 V
tDF
tOH
Figure 8.
Read Operation Timings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com