Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM690 Datasheet(PDF) 4 Page - Analog Devices

Part # ADM690
Description  Microprocessor Supervisory Circuits
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM690 Datasheet(HTML) 4 Page - Analog Devices

  ADM690 Datasheet HTML 1Page - Analog Devices ADM690 Datasheet HTML 2Page - Analog Devices ADM690 Datasheet HTML 3Page - Analog Devices ADM690 Datasheet HTML 4Page - Analog Devices ADM690 Datasheet HTML 5Page - Analog Devices ADM690 Datasheet HTML 6Page - Analog Devices ADM690 Datasheet HTML 7Page - Analog Devices ADM690 Datasheet HTML 8Page - Analog Devices ADM690 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
ADM690–ADM695
REV. A
–4–
PIN FUNCTION DESCRIPTION
Mnemonic
Function
VCC
Power Supply Input: +5 V Nominal.
VBATT
Backup Battery Input. Connect to Ground if a backup battery is not used.
VOUT
Output Voltage, VCC or VBATT is internally switched to VOUT depending on which is at the highest potential. VOUT
can supply up to 100 mA to power CMOS RAM. Connect VOUT to VCC if VOUT and VBATT are not used.
GND
0 V. Ground reference for all signals.
RESET
Logic Output. RESET goes low if
1. VCC falls below the Reset Threshold
2. VCC falls below VBATT
3. The watchdog timer is not serviced within its timeout period.
The reset threshold is typically 4.65 V for the ADM690/ADM691/ADM694/ADM695 and 4.4 V for the ADM692 and
ADM693. RESET remains low for 50 ms (ADM690/ADM691/ADM692/ADM693) or 200 ms (ADM694/ADM695)
after VCC returns above the threshold. RESET also goes low for 50 (200) ms if the watchdog timer is enabled but not
serviced within its timeout period. The RESET pulse width can be adjusted on the ADM691/ADM693/ADM695 as
shown in Table I. The RESET output has an internal 3
µA pull up, and can either connect to an open collector
Reset bus or directly drive a CMOS gate without an external pull-up resistor.
WDI
Watchdog Input. WDI is a three level input. If WDI remains either high or low for longer than the watchdog timeout
period, RESET pulses low and WDO goes low. The timer resets with each transition on the WDI line. The watchdog
timer may be disabled if WDI is left floating or is driven to midsupply.
PFI
Power Fail Input. PFI is the noninverting input to the Power Fail Comparator when PFI is less than 1.3 V, PFO
goes low. Connect PFI to GND or VOUT when not used.
PFO
Power Fail Output. PFO is the output of the Power Fail Comparator. It goes low when PFI is less than 1.3 V. The
comparator is turned off and PFO goes low when VCC is below VBATT.
CEIN
Logic Input. The input to the CE gating circuit. Connect to GND or VOUT if not used.
CEOUT
Logic Output. CEOUT is a gated version of the CEIN signal. CEOUT tracks CEIN when VCC is above the reset
threshold. If VCC is below the reset threshold, CEOUT is forced high. See Figures 5 and 6.
BATT ON
Logic Output. BATT ON goes high when VOUT is internally switched to the VBATT input. It goes low when VOUT
is internally switched to VCC. The output typically sinks 35 mA and can directly drive the base of an external
PNP transistor to increase the output current above the 100 mA rating of VOUT.
LOW LINE
Logic Output. LOW LINE goes low when VCC falls below the reset threshold. It returns high as soon as VCC rises
above the reset threshold.
RESET
Logic Output. RESET is an active high output. It is the inverse of RESET.
OSC SEL
Logic Oscillator Select Input. When OSC SEL is unconnected (floating) or driven high, the internal oscillator sets
the reset active time and watchdog timeout period. When OSC SEL is low, the external oscillator input, OSC IN,
is enabled. OSC SEL has a 3
µA internal pull up, (see Table I).
OSC IN
Oscillator Logic Input. With OSC SEL low, OSC IN can be driven by an external clock signal or an external
capacitor can be connected between OSC IN and GND. This sets both the reset active pulse timing and the watch-
dog timeout period (see Table I and Figure 4). With OSC SEL high or floating, the internal oscillator is enabled
and the reset active time is fixed at 50 ms typ. (ADM691/ADM693) or 200 ms typ (ADM695). In this mode the
OSC IN pin selects between fast (100 ms) and slow (1.6 s) watchdog timeout periods. In both modes, the timeout
period immediately after a reset is 1.6 s typical.
WDO
Logic Output. The Watchdog Output, WDO, goes low if WDI remains either high or low for longer than the
watchdog timeout period. WDO is set high by the next transition at WDI. If WDI is unconnected or at midsupply,
the watchdog timer is disabled and WDO remains high. WDO also goes high when LOW LINE goes low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com