Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ECJ2VB2D331 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # ECJ2VB2D331
Description  Multilayer Ceramic Capacitors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECJ2VB2D331 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  ECJ2VB2D331 Datasheet HTML 1Page - Panasonic Semiconductor ECJ2VB2D331 Datasheet HTML 2Page - Panasonic Semiconductor ECJ2VB2D331 Datasheet HTML 3Page - Panasonic Semiconductor ECJ2VB2D331 Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Multilayer Ceramic Capacitors(100V, 200V Series)
– EC32 –
EC
J
3
F
B
2A4
7
3K
Rated Voltage Code
Nominal
Capacitance
Size Code
(Example)
Capacitance
Tolerance Code
123456789
10
11
12
Packaging Style
Code
Product Code
(ECJ:Multilayer Ceramic
Chip Capacitors)
Temperature
Characteristic Code
5
4
3
2
1
L
T
W
L1
L2
Multilayer Ceramic Capacitors
(100V, 200V Series)
Series:
ECJ
■ Features
● Small size and wide capacitance range
● High humidity resistance and long life
● Low inductance (ESL) and excellent frequency
characteristics
● RoHS compliant
■ Recommended Applications
● Noise limiting, coupling, time constant and oscillation
circuitry
■ Handling Precautions
See Page 48 to 53
■ Packaging Specifications
See Page 45, 46, 56
■ Explanation of Part Numbers
■ Construction
■ Dimensions in mm (not to scale)
Size Code
Size (EIA)
L
W
T
L1, L2
1
0603
1.6±0.1
0.8±0.1
0.8±0.1
0.3±0.2
2
0805
2.0±0.1
1.25±0.10
0.85±0.10
0.50±0.25
1.25±0.10
31206
3.20±0.15
1.60±0.15
0.85±0.10
0.6±0.3
1.15±0.10
3.2±0.2
1.6±0.2
1.6±0.2
41210
3.2±0.3
2.5±0.3
2.0±0.2
0.6±0.3
2.5±0.3
■ Packaging Styles and Standard Packaging Quantities
Packaging
Style Code
Size
Thickness (mm)
Packaging Styles
0603
0805
1206
1210
T=0.8 T=0.85 T=1.25T=0.85 T=1.15
T=1.6
T=2.0
T=2.5
V
φ180 reel
Paper taping (Pitch: 4
mm)
4,000
4,000
—
4,000
—
—
—
—
F
Embossed taping
(Pitch: 4 mm)
——
3,000
—
3,000
—
—
—
Y—
—
—
——
2,000
2,000
1,000
No
Name
1
Ceramic dielectric
2
Internal electrode
3
Terminal
electrode
Substrate electrode
4
Intermediate electrode
5
External electrode
Quantity : pcs./reel
00 Sep. 2008


Similar Part No. - ECJ2VB2D331

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECJ2VB2D331 PANASONIC-ECJ2VB2D331 Datasheet
208Kb / 4P
Multilayer Ceramic Capacitors(100V, 200V Series)
ECJ2VB2D331K PANASONIC-ECJ2VB2D331K Datasheet
208Kb / 4P
Multilayer Ceramic Capacitors(100V, 200V Series)
ECJ2VB2D331M PANASONIC-ECJ2VB2D331M Datasheet
208Kb / 4P
Multilayer Ceramic Capacitors(100V, 200V Series)
More results

Similar Description - ECJ2VB2D331

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CC0402KR ETC1-CC0402KR Datasheet
214Kb / 8P
MULTILAYER CERAMIC CAPACITORS
logo
EPCOS
B37979N EPCOS-B37979N Datasheet
122Kb / 12P
Multilayer Ceramic Capacitors
B37923K5100J070 EPCOS-B37923K5100J070 Datasheet
722Kb / 22P
Multilayer ceramic capacitors
B37941X5333K060 EPCOS-B37941X5333K060 Datasheet
797Kb / 17P
Multilayer ceramic capacitors
logo
Panasonic Semiconductor
ECJ-2VF1C105Z PANASONIC-ECJ-2VF1C105Z Datasheet
319Kb / 6P
Multilayer Ceramic Capacitors
logo
EPCOS
B37953 EPCOS-B37953 Datasheet
151Kb / 25P
Multilayer Ceramic Capacitors
logo
List of Unclassifed Man...
B0805R224KCT ETC2-B0805R224KCT Datasheet
436Kb / 5P
Multilayer Ceramic Capacitors
logo
EPCOS
B37931 EPCOS-B37931 Datasheet
120Kb / 13P
Multilayer Ceramic Capacitors
logo
Cornell Dubilier Electr...
M15R103K5-F CDE-M15R103K5-F Datasheet
157Kb / 6P
Multilayer Ceramic Capacitors
logo
List of Unclassifed Man...
0603B104K500CT ETC1-0603B104K500CT Datasheet
4Mb / 21P
MULTILAYER CERAMIC CAPACITORS
Jul. 2023
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com