Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBR1545CTPbF Datasheet(PDF) 5 Page - Vishay Siliconix

Part # MBR1545CTPbF
Description  Schottky Rectifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MBR1545CTPbF Datasheet(HTML) 5 Page - Vishay Siliconix

  MBR1545CTPbF Datasheet HTML 1Page - Vishay Siliconix MBR1545CTPbF Datasheet HTML 2Page - Vishay Siliconix MBR1545CTPbF Datasheet HTML 3Page - Vishay Siliconix MBR1545CTPbF Datasheet HTML 4Page - Vishay Siliconix MBR1545CTPbF Datasheet HTML 5Page - Vishay Siliconix MBR1545CTPbF Datasheet HTML 6Page - Vishay Siliconix MBR1545CTPbF Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Document Number: 94285
For technical questions, contact: diodes-tech@vishay.com
www.vishay.com
Revision: 12-Jun-07
5
MBR15..CTPbF Series
Schottky Rectifier
Vishay High Power Products
Notes
1. Dimensioning and tolerancing as per ASME Y 14.5 M - 1994
2. Lead dimension and finish uncontrolled in L1
3. Dimension D, D1 and E do not include mold flash. Mold flash shall not exceed 0.127 mm (0.005") per side. These dimensions are measured
at the outermost extremes of the plastic body
4. Dimension b1, b3 and c1 apply to base metal only
5. Controlling dimensions: inches
6. Thermal pad contour optional within dimensions E, H1, D2 and E1
7. Dimensions E2 x H1 define a zone where stamping and singulation irregularities are allowed
8. Outline conforms to JEDEC TO-220, except A2 (maximum) and D2 (minimum) where dimensions are derived from the actual package outline
OUTLINE DIMENSIONS in millimeters (inches)
SYMBOL
MILLIMETERS
INCHES
NOTES
SYMBOL
MILLIMETERS
INCHES
NOTES
MIN.
MAX.
MIN.
MAX.
MIN.
MAX.
MIN.
MAX.
A
3.56
4.83
0.140
0.190
D2
11.68
12.88
0.460
0.507
6
A1
0.51
1.40
0.020
0.055
E
9.65
10.67
0.380
0.420
3, 6
A2
2.03
2.92
0.080
0.115
E1
6.86
8.89
0.270
0.350
6
b
0.38
1.01
0.015
0.040
E2
-
0.76
-
0.030
7
b1
0.38
0.97
0.015
0.038
4
e
2.54 BSC
0.100 BSC
b2
1.14
1.78
0.045
0.070
e1
5.08 BSC
0.200 BSC
b3
1.14
1.73
0.045
0.068
4
H1
5.84
6.86
0.230
0.270
6, 7
c
0.36
0.61
0.014
0.024
L
12.70
14.73
0.500
0.580
c1
0.36
0.56
0.014
0.022
4
L1
-
6.35
-
0.250
2
D
14.22
16.51
0.560
0.650
3
Ø P
3.54
4.08
0.139
0.161
D1
8.38
9.02
0.330
0.355
Q
2.54
3.42
0.100
0.135
13
2
D
D1
H1
Q
13
2
C
C
D
D
3 x b2
3 x b
(b, b2)
b1, b3
(H1)
D2
Detail B
C
A
B
L
e1
Lead tip
E
E2
Ø P
0.014
A
B
M
M
0.015
A
B
M
M
Seating
plane
c
A2
A1
A
A
A
Lead Assignments
HEXFET
1. - Gate
2. - Drain
3. - Source
Conforms to JEDEC outline TO-220AB
6
6
7
6
7
e
2 x
L1
2
Detail B
Section C-C & D-D
View A-A
Base metal
Plating
4
4
c1
c
Thermal
pad
(E)
E1
6
Diodes
1. - Anode/open
2. - Cathode
3. - Anode
6
IGBTs Copak
1. - Gate
2. - Collector
3. - Emitter



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com