Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ECJ2VB2D152 Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # ECJ2VB2D152
Description  Multilayer Ceramic Capacitors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECJ2VB2D152 Datasheet(HTML) 3 Page - Panasonic Semiconductor

  ECJ2VB2D152 Datasheet HTML 1Page - Panasonic Semiconductor ECJ2VB2D152 Datasheet HTML 2Page - Panasonic Semiconductor ECJ2VB2D152 Datasheet HTML 3Page - Panasonic Semiconductor ECJ2VB2D152 Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Multilayer Ceramic Capacitors(100V, 200V Series)
– EC34 –
Rated voltage
DC 100 V
DC 200 V
Capaci-
tance
(pF)
Capacitance
Tolerance
Part No.
Dim.
T
(mm)
Temp.
Char.
Part No.
Dim.
T
(mm)
Temp.
Char.
BX7R
BX7R
220
±10 % (K)
or
±20 % (M)
ECJ2VB2A221
0.85
ECJ2VB2D221
0.85
330
ECJ2VB2A331
0.85
ECJ2VB2D331
0.85
470
ECJ2VB2A471
0.85
ECJ2VB2D471
0.85
680
ECJ2VB2A681
0.85
ECJ2VB2D681
0.85
1000
ECJ2VB2A102
0.85
ECJ2VB2D102
0.85
1500
ECJ2VB2A152
0.85
ECJ2VB2D152
0.85
2200
ECJ2VB2A222
0.85
ECJ2VB2D222
0.85
3300
ECJ2VB2A332
0.85
ECJ2VB2D332
0.85
4700
ECJ2VB2A472
0.85
ECJ2VB2D472
0.85
6800
ECJ2VB2A682
0.85
ECJ2FB2D682
1.25
10000
ECJ2VB2A103
0.85
ECJ2FB2D103
1.25
15000
ECJ2FB2A153
1.25
● Class 2
◆ Temperature Characteristics Code: B (Temperature Characteristics: B, X7R)
: Capacitance tolerance code.
Standard packaging quantity of Packaging Style Code “V” (T = 0.8 mm): 4,000 pcs./reel
Rated voltage
DC 100 V
Capaci-
tance
(pF)
Capacitance
Tolerance
Part No.
Dim.
T
(mm)
Temp.
Char.
CH
10 ±0.5 pF (D) ECJ1VC2A100D 0.8
15
±5 % (J)
or
±10 % (K)
ECJ1VC2A150
0.8
22
ECJ1VC2A220
0.8
33
ECJ1VC2A330
0.8
47
ECJ1VC2A470
0.8
68
ECJ1VC2A680
0.8
100
ECJ1VC2A101
0.8
■ Standard Products for EIA Size “0603”, Taped Version
● Class 1
◆ Temp. Char. Code: C (Temp. Char.: CH)
Rated voltage
DC 100 V
DC 200 V
Capaci-
tance
(pF)
Capacitance
Tolerance
Part No.
Dim.
T
(mm)
Temp.
Char.
Part No.
Dim.
T
(mm)
Temp.
Char.
BX7R
BX7R
220
±10 % (K)
or
±20 % (M)
ECJ1VB2A221
0.8
ECJ1VB2D221
0.8
330
ECJ1VB2A331
0.8
ECJ1VB2D331
0.8
470
ECJ1VB2A471
0.8
ECJ1VB2D471
0.8
680
ECJ1VB2A681
0.8
ECJ1VB2D681
0.8
1000
ECJ1VB2A102
0.8
ECJ1VB2D102
0.8
: Capacitance tolerance code.
Standard packaging quantity of Packaging Style Code “V” (T = 0.8 mm): 4,000 pcs./reel
● Class 2
◆ Temp. Char. Code: B (Temp. Char.: B, X7R)
■ Standard Products for EIA Size “0805”, Taped Version
● Class 1
◆ Temperature Characteristic Code: C (Temperature Characteristics: CH)
Rated voltage
DC 100 V
DC 200 V
Capaci-
tance
(pF)
Capacitance
Tolerance
Part No.
Dim.
T
(mm)
Temp.
Char.
Part No.
Dim.
T
(mm)
Temp.
Char.
CH
CH
10 ±0.5 pF (D) ECJ2VC2A100D 0.85
ECJ2VC2D100D 0.85
15
±5 % (J)
or
±10 % (K)
ECJ2VC2A150
0.85
ECJ2VC2D150
0.85
22
ECJ2VC2A220
0.85
ECJ2VC2D220
0.85
33
ECJ2VC2A330
0.85
ECJ2VC2D330
0.85
47
ECJ2VC2A470
0.85
ECJ2VC2D470
0.85
68
ECJ2VC2A680
0.85
ECJ2FC2D680
1.25
100
ECJ2VC2A101
0.85
ECJ2FC2D101
1.25
150
ECJ2VC2A151
0.85
ECJ2FC2D151
1.25
220
ECJ2VC2A221
0.85
ECJ2FC2D221
1.25
330
ECJ2VC2A331
0.85
ECJ2FC2D331
1.25
470
ECJ2VC2A471
0.85
680
ECJ2VC2A681
0.85
1000
ECJ2VC2A102
0.85
: Capacitance tolerance code : “ ” for “J” or “K”
Standard packaging quantity of Packaging Style Code “V” (T = 0.85 mm): 4,000 pcs./reel, “F” (T = 1.25 mm): 3,000 pcs./reel
Soldering method of dimension T>1 mm: Avoid flow soldering.
: Capacitance tolerance code : “ ” for “K” or “M”
Standard packaging quantity of Packaging Style Code “V” (T = 0.85 mm): 4,000 pcs./reel, “F” (T = 1.25 mm): 3,000 pcs./reel
Soldering method of dimension T>1 mm: Avoid flow soldering.
00 Sep. 2008



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com