Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29F080B-90EC Datasheet(PDF) 37 Page - Advanced Micro Devices

Part # AM29F080B-90EC
Description  8 Megabit (1 M x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29F080B-90EC Datasheet(HTML) 37 Page - Advanced Micro Devices

Back Button AM29F080B-90EC Datasheet HTML 29Page - Advanced Micro Devices AM29F080B-90EC Datasheet HTML 30Page - Advanced Micro Devices AM29F080B-90EC Datasheet HTML 31Page - Advanced Micro Devices AM29F080B-90EC Datasheet HTML 32Page - Advanced Micro Devices AM29F080B-90EC Datasheet HTML 33Page - Advanced Micro Devices AM29F080B-90EC Datasheet HTML 34Page - Advanced Micro Devices AM29F080B-90EC Datasheet HTML 35Page - Advanced Micro Devices AM29F080B-90EC Datasheet HTML 36Page - Advanced Micro Devices AM29F080B-90EC Datasheet HTML 37Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 37 / 37 page
background image
Am29F080B
37
P R E L I M I NARY
REVISION SUMMARY FOR AM29F080B
Revision B
Global
Formatted for consistency with other 5.0 volt-only data
sheets.
Figure 9, Read Operation Timings
Corrected RESET# waveform so that it is high for the
duration of the read cycle.
Figure 11, Chip/Sector Erase Operation Timings
Corrected data unlock cycle in diagram to 55h.
Figure 17, Alternate CE# Controlled Program
Operation Timings
Corrected command for sector erase to 30h, chip erase
to 10h.
Revision C
Standby Mode
Removed sentence in first paragraph referring to RE-
SET# pulse.
Sector Group Protection/Unprotection, Temporary
Sector Group Unprotect
Changed references from “sector” to “sector group”.
Corrected text to indicate sector groups are composed
of two adjacent sectors.
Revision C+1
Distinctive Characteristics
Changed minimum 100K write/erase cycles guaran-
teed to 1,000,000.
AC Characteristics
Erase/Program Operations; Erase and Program Oper-
ations Alternate CE# Controlled Writes: Corrected the
notes reference for tWHWH1 and tWHWH2. These param-
eters are 100% tested. Corrected the note reference for
tVCS. This parameter is not 100% tested.
Temporary Sector Unprotect Table
Added note reference for tVIDR. This parameter is not
100% tested.
Command Definitions
Corrected the shift in the table header.
Erase and Programming Performance
Changed minimum 100K program and erase cycles
guaranteed to 1,000,000.
Trademarks
Copyright © 1998 Advanced Micro Devices, Inc. All rights reserved.
AMD, the AMD logo, and combinations thereof are trademarks of Advanced Micro Devices, Inc.
ExpressFlash is a trademark of Advanced Micro Devices, Inc.
Product names used in this publication are for identification purposes only and may be trademarks of their respective companies.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com