Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

76-1200 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # 76-1200
Description  LICON. SNAP ACTION SWITCHES
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

76-1200 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button 76-1200 Datasheet HTML 3Page - List of Unclassifed Manufacturers 76-1200 Datasheet HTML 4Page - List of Unclassifed Manufacturers 76-1200 Datasheet HTML 5Page - List of Unclassifed Manufacturers 76-1200 Datasheet HTML 6Page - List of Unclassifed Manufacturers 76-1200 Datasheet HTML 7Page - List of Unclassifed Manufacturers 76-1200 Datasheet HTML 8Page - List of Unclassifed Manufacturers 76-1200 Datasheet HTML 9Page - List of Unclassifed Manufacturers 76-1200 Datasheet HTML 10Page - List of Unclassifed Manufacturers 76-1200 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
SUB-MINIATURE 10.1 AMP DOUBLE-BREAK
SNAP ACTION SWITCHES
Series 16 switches feature the Butterfly® double-
break momentary switch mechanism. This offers
the capability of handling high (or low) current
loads in a small switch and gives the options of
controlling two circuits with the Form Z switch
circuitry.
Contact an Authorized Distributor or Factory for Pricing
50
www.itwswitches.com
KEY FEATURES:
• Gold or silver contacts
• Meets MIL-PRF-8805/7
• UL recognized and CSA certified:
10.1 amps @ 125/250 VAC
• Variety of terminal configurations
and styles
• Roller lever, lever, short roller lever
and bushing mount actuator are
available
ACTUAL SIZE
STANDARDS / AGENCY / RATINGS:
RoHS
COMPLIANT
2002 / 95 / EC

IEC
IP67
COMPLIANT

®
V
D E
SNAP ACTION SWITCHES
ORDERING INFORMATION:
Part Number
Circuit
Temperature Index
Contacts
Terminals
RoHS Compliant
16-104
SPDT (Form Z)
To 275°F Ambient
Silver **
End Solder

16-188051
SPDT (Form Z)
To 275°F Ambient
Gold Plated
End Solder

16-204
SPDT (Form Z)
To 275°F Ambient
Silver **
End Screw
—
16-304
SPDT (Form Z)
To 275°F Ambient
Silver **
Side Solder

16-404
SPDT (Form Z)
To 275°F Ambient
Silver **
Bottom Solder

16-40401
SPDT (Form Z)
To 275°F Ambient
Gold Plated
Bottom Solder

16-4044*
SPDT (Form Z)
To 275°F Ambient
Silver **
Bottom Solder

16-40441*
SPDT (Form Z)
To 275°F Ambient
Gold Plated
Bottom Solder

16-488051
SPDT (Form Z)
To 275°F Ambient
Gold Plated
Bottom Solder
—
16-530004***
SPDT (Form Z)
To 275°F Ambient
Silver **
Bottom QC .110

* Thermoplastic case and cover.
** For electrical loads under 250mA, consult factory.
*** Mounts easily to Series 76-95 Switches.
Part Number
Switch Series
Oper. Force
Release Force
Pretravel
Overtravel
Movement Diff.
76-1200
16
4 oz max
1 oz min
.125 max
.025 min
.045 ± .011
Roller Lever
76-1210
16
2.5 oz max
1 oz min
.125 max
.025 min
.047 ± .013
Lever
76-1220
16
5 + 3 oz - 2 oz min
2 oz min
.050 max
.023 min
.020 ± .005
Short Roller Lever
76-22604
16
5 oz
—
.050 max
.156 MIN
—
Bushing Mount
Actuators (see page 69 for additional specifications)
APPLICATIONS
• Lift truck seat switch
• Aircraft contactor or actuator
• Sump pump float switch
• Valve actuator
• Industrial equipment and machinery
• Office equipment



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com