Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29F400AT Datasheet(PDF) 14 Page - Advanced Micro Devices

Part # AM29F400AT
Description  4 Megabit (524,288 x 8-Bit/262,144 x 16-Bit) CMOS 5.0 Volt-only, Sector Erase Flash Memory
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29F400AT Datasheet(HTML) 14 Page - Advanced Micro Devices

Back Button AM29F400AT Datasheet HTML 10Page - Advanced Micro Devices AM29F400AT Datasheet HTML 11Page - Advanced Micro Devices AM29F400AT Datasheet HTML 12Page - Advanced Micro Devices AM29F400AT Datasheet HTML 13Page - Advanced Micro Devices AM29F400AT Datasheet HTML 14Page - Advanced Micro Devices AM29F400AT Datasheet HTML 15Page - Advanced Micro Devices AM29F400AT Datasheet HTML 16Page - Advanced Micro Devices AM29F400AT Datasheet HTML 17Page - Advanced Micro Devices AM29F400AT Datasheet HTML 18Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 35 page
background image
14
Am29F400AT/Am29F400AB
PRELIMINARY
accepted and erasure will start. It is recommended that
processor interrupts be disabled during this time to
guarantee this condition. The interrupts can be
re-enabled after the last Sector Erase command
is written. A time-out of 100
µs from the rising edge of
the last WE will initiate the execution of the Sector
Erase command(s). If another falling edge of the WE
occurs within the 100
µs time-out window the timer is
reset. (Monitor DQ3 to determine if the sector erase
timer window is still open, see section DQ3, Sector
Erase Timer.) Any command other than Sector Erase
or Erase Suspend during this period will reset the de-
vice to the read mode, ignoring the previous command
string. In that case, restart the erase on those sectors
and allow them to complete.
(Refer to the Write Operation Status section for DQ3,
Sector Erase Timer operation.) Loading the sector
erase buffer may be done in any sequence and with
any number of sectors (0 to10).
Sector erase does
not require the user to program the
device prior to erase. The device automatically pro-
grams all memory locations in the sector(s) to be
erased prior to electrical erase. When erasing a sector
or sectors the remaining unselected sectors are not af-
fected. The system is
not required to provide any con-
trols or timings during these operations.
The automatic sector erase begins after the 100
µs
time out from the rising edge of the WE pulse for the
last sector erase command pulse and terminates when
the data on DQ7, Data Polling, is “1” (see Write Opera-
tion Status section) at which time the device returns to
the read mode. Data Polling must be performed at an
address within any of the sectors being erased.
Figure 1 illustrates the Embedded Erase Algorithm
using typical command strings and bus operations.
Erase Suspend
The Erase Suspend command allows the user to inter-
rupt a Sector Erase operation and then perform data
reads from a sector not being erased. This command is
applicable ONLY during the Sector Erase operation
which includes the time-out period for sector erase. The
Erase Suspend command will be ignored if written dur-
ing the Chip Erase oper ation or Embedded
Program Algorithm. Writing the Erase Suspend com-
mand during the Sector Erase time-out results in imme-
diate termination of the time-out period and suspension
of the erase operation.
Any other command written during the Erase Suspend
mode
will
be
ignored
except
the
Er ase
Resume command. Writing the Erase Resume com-
mand resumes the erase operation. The addresses are
“don’t-cares” when writing the Erase Suspend or Erase
Resume command.
When the Erase Suspend command is written during
the Sector Erase operation, the device will take a max-
imum of 15
µs to suspend the erase operation. When
the device has entered the erase-suspended mode,
DQ6 will stop toggling. The user must use the address
of a sector being erased for reading DQ6 to determine
if the erase operation has been suspended. Further
writes of the Erase Suspend command are ignored.
When the erase operation has been suspended, the
device defaults to the erase-suspend-read mode.
Reading data in this mode is the same as reading from
the standard read mode except that the data must be
read
from
sectors
that
hav e
not
been
erase-suspended.
To resume the operation of Sector Erase, the Resume
command (30H) should be written. Any further writes of
the Resume command at this point will be ignored. An-
other Erase Suspend command can be written after the
chip has resumed erasing.
Write Operation Status
Table 8.
Write Operation Status
Notes:
1. D8–D15 = Don’t Care for x16 mode.
2. DQ4 for AMD internal use only.
Status
DQ7
DQ6
DQ5
DQ3
In Progress
Auto-Programming
DQ7
Toggle
0
0
Program/Erase in Auto-Erase
0
Toggle
0
1
Exceeded
Time Limits
Auto-Programming
DQ7
Toggle
1
0
Program/Erase in Auto-Erase
0
Toggle
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com