Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP10G01 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # AP10G01
Description  10mm SMT 14dB Active GPS Patch Antenna With Front End Saw Filter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AP10G01 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  AP10G01 Datasheet HTML 1Page - List of Unclassifed Manufacturers AP10G01 Datasheet HTML 2Page - List of Unclassifed Manufacturers AP10G01 Datasheet HTML 3Page - List of Unclassifed Manufacturers AP10G01 Datasheet HTML 4Page - List of Unclassifed Manufacturers AP10G01 Datasheet HTML 5Page - List of Unclassifed Manufacturers AP10G01 Datasheet HTML 6Page - List of Unclassifed Manufacturers AP10G01 Datasheet HTML 7Page - List of Unclassifed Manufacturers AP10G01 Datasheet HTML 8Page - List of Unclassifed Manufacturers AP10G01 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
SPE-11-8-100/D/SS |
page 4 of 11
3. LNA Gain and Out Band Rejection @3.0V
30.00
20.00
10.00
0.000
-10.00
-20.00
-30.00
-40.00
-50.00
-60.00
-70.00
7
5
3
1
2
4
6
1
>1 1.5754200 GHz 18.276 dB
Tr1 S21 Log Mag 10.00dB/ Ref -40.00dB (F2 Smo)
1 Center 1.57542 GHz
Span 400 MHz Cor
IFBW 1 kHz
Cg1 Tr1 S21
>1
1.5754200 GHz
18.276
dB
Cg1 Tr1 S21
2
1.6054200 GHz
-15.173
dB
Cg1 Tr1 S21
3
1.5454200 GHz
6.6195
dB
Cg1 Tr1 S21
4
1.6254200 GHz
-12.083
dB
Cg1 Tr1 S21
5
1.5254200 GHz
2.2267
dB
Cg1 Tr1 S21
6
1.6754200 GHz
- 5.9624 dB
Cg1 Tr1 S21
7
1.4754200 GHz
- 0.5270 dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com