Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP10H01 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # AP10H01
Description  10mm SMT 25dB Active GPS Patch Antenna With Front End Saw Filter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AP10H01 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button AP10H01 Datasheet HTML 3Page - List of Unclassifed Manufacturers AP10H01 Datasheet HTML 4Page - List of Unclassifed Manufacturers AP10H01 Datasheet HTML 5Page - List of Unclassifed Manufacturers AP10H01 Datasheet HTML 6Page - List of Unclassifed Manufacturers AP10H01 Datasheet HTML 7Page - List of Unclassifed Manufacturers AP10H01 Datasheet HTML 8Page - List of Unclassifed Manufacturers AP10H01 Datasheet HTML 9Page - List of Unclassifed Manufacturers AP10H01 Datasheet HTML 10Page - List of Unclassifed Manufacturers AP10H01 Datasheet HTML 11Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
SPE-11-8-101/C/SS |
page 7 of 11
6.2 YZ Plane
Pattern Model No. Test Mode Freq (MHz) Max Gain(dBi) Min Gain(dBi) Avg. Gain(dBi) Source Polar.
Date
1
AP.10H.01
YZ
1620.00 -9.73 / 324.00 -19.18 / 222.00
-12.80
RHCP
2010/4/29
-8
-10
-15
-20
-25
-30
-35
-40
90
270
180
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com