Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29F100B-90FC Datasheet(PDF) 34 Page - Advanced Micro Devices

Part # AM29F100B-90FC
Description  1 Megabit (128 K x 8-bit/64 K x 16-bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29F100B-90FC Datasheet(HTML) 34 Page - Advanced Micro Devices

Back Button AM29F100B-90FC Datasheet HTML 28Page - Advanced Micro Devices AM29F100B-90FC Datasheet HTML 29Page - Advanced Micro Devices AM29F100B-90FC Datasheet HTML 30Page - Advanced Micro Devices AM29F100B-90FC Datasheet HTML 31Page - Advanced Micro Devices AM29F100B-90FC Datasheet HTML 32Page - Advanced Micro Devices AM29F100B-90FC Datasheet HTML 33Page - Advanced Micro Devices AM29F100B-90FC Datasheet HTML 34Page - Advanced Micro Devices AM29F100B-90FC Datasheet HTML 35Page - Advanced Micro Devices AM29F100B-90FC Datasheet HTML 36Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 34 / 36 page
background image
34
Am29F100
PHYSICAL DIMENSIONS
SO 044—44-Pin Small Outline Package (measured in millimeters)
44
23
1
22
13.10
13.50
15.70
16.30
1.27 NOM.
28.00
28.40
2.17
2.45
0.35
0.50
0.10
0.35
2.80
MAX.
SEATING
PLANE
16-038-SO44-2
SO 044
DF83
8-8-96 lv
0.10
0.21
0.60
1.00
0
°
8
°
END VIEW
SIDE VIEW
TOP VIEW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com