Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29LV008B Datasheet(PDF) 23 Page - Advanced Micro Devices

Part # AM29LV008B
Description  8 Megabit (1 M x 8-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29LV008B Datasheet(HTML) 23 Page - Advanced Micro Devices

Back Button AM29LV008B Datasheet HTML 19Page - Advanced Micro Devices AM29LV008B Datasheet HTML 20Page - Advanced Micro Devices AM29LV008B Datasheet HTML 21Page - Advanced Micro Devices AM29LV008B Datasheet HTML 22Page - Advanced Micro Devices AM29LV008B Datasheet HTML 23Page - Advanced Micro Devices AM29LV008B Datasheet HTML 24Page - Advanced Micro Devices AM29LV008B Datasheet HTML 25Page - Advanced Micro Devices AM29LV008B Datasheet HTML 26Page - Advanced Micro Devices AM29LV008B Datasheet HTML 27Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 38 page
background image
Am29LV008B
23
P R E L I M I NARY
DC CHARACTERISTICS (Continued)
Zero Power Flash
20
15
10
5
0
0
500
1000
1500
2000
2500
3000
3500
4000
Time in ns
Note: Addresses are switching at 1 MHz
21524B-12
Figure 9.
ICC1 Current vs. Time (Showing Active and Automatic Sleep Currents)
10
8
2
0
12
3
4
5
Frequency in MHz
Note: T = 25
°C
21524B-13
Figure 10.
Typical ICC1 vs. Frequency
2.7 V
3.6 V
4
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com