Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EEFST0D331R Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # EEFST0D331R
Description  SP-Cap/ Conductive Polymer Aluminum Capacitors (Specialty Polymer Aluminum Capacitors)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EEFST0D331R Datasheet(HTML) 2 Page - Panasonic Semiconductor

  EEFST0D331R Datasheet HTML 1Page - Panasonic Semiconductor EEFST0D331R Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SP-Cap/ Conductive Polymer Aluminum Capacitors (Specialty Polymer Aluminum Capacitors)
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
– EEF-3 –
■ Standard Products
✽1: Ripple current (100 kHz/ +20 to +105 °C ), ✽2: ESR (100 kHz/+20 °C)
✽3: Please refer to the page of “Mouting Specifications”.
Series &
Size Code
Rated
W.V.
(V.DC)
Capaci-
tance
(±20 %)
(µF)
Case Size
Specification
Part number
The number
of
terminals
Min.
Packaging
Q’ty
(pcs)
L
(mm)
W
(mm)
H
(mm)
✽1
Ripple
current
(Ar.m.s.)
✽2
ESR
(m max.)
✽3
Reflow condition : 260 °C
23
SS
2
220
7.3
4.3
1.1
3.5
6
EEFSS0D221R
3500
2.5
180
7.3
4.3
1.1
3.5
6
EEFSS0E181R
3500
ST
2
330
7.3
4.3
1.4
3.5
6
EEFST0D331R
3500
2.5
270
7.3
4.3
1.4
3.5
6
EEFST0E271R
3500
LS
2
220
7.3
4.3
1.1
3.5
6
EEFLS0D221R
3500
2.5
180
7.3
4.3
1.1
3.5
6
EEFLS0E181R
3500
LT
2
330
7.3
4.3
1.4
3.5
6
EEFLT0D331R
3500
2.5
270
7.3
4.3
1.4
3.5
6
EEFLT0E271R
3500
CS
4
120
7.3
4.3
1.1
2.7
15
EEFCS0G121R
3500
6.3
68
7.3
4.3
1.1
2.7
15
EEFCS0J680R
3500
CT
4
180
7.3
4.3
1.4
2.7
15
EEFCT0G181R
3500
6.3
100
7.3
4.3
1.4
2.7
15
EEFCT0J101R
3500
00 Nov. 2012



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com