Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29F100T-70SC Datasheet(PDF) 20 Page - Advanced Micro Devices

Part # AM29F100T-70SC
Description  1 Megabit (128 K x 8-bit/64 K x 16-bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29F100T-70SC Datasheet(HTML) 20 Page - Advanced Micro Devices

Back Button AM29F100T-70SC Datasheet HTML 16Page - Advanced Micro Devices AM29F100T-70SC Datasheet HTML 17Page - Advanced Micro Devices AM29F100T-70SC Datasheet HTML 18Page - Advanced Micro Devices AM29F100T-70SC Datasheet HTML 19Page - Advanced Micro Devices AM29F100T-70SC Datasheet HTML 20Page - Advanced Micro Devices AM29F100T-70SC Datasheet HTML 21Page - Advanced Micro Devices AM29F100T-70SC Datasheet HTML 22Page - Advanced Micro Devices AM29F100T-70SC Datasheet HTML 23Page - Advanced Micro Devices AM29F100T-70SC Datasheet HTML 24Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 36 page
background image
20
Am29F100
ABSOLUTE MAXIMUM RATINGS
Storage Temperature
Plastic Packages . . . . . . . . . . . . . . . –65
°C to +125°C
Ambient Temperature
with Power Applied . . . . . . . . . . . . . –55
°C to +125°C
Voltage with Respect to Ground
VCC (Note 1). . . . . . . . . . . . . . . . . . . .–2.0 V to +7.0 V
A9 (Note 2). . . . . . . . . . . . . . . . . . . . –2.0 V to +13.5 V
All other pins (Note 1) . . . . . . . . . . . . –2.0 V to +7.0 V
Output Short Circuit Current (Note 3) . . . . . . 200 mA
Notes:
1. Minimum DC voltage on input or I/O pin is –0.5 V. During
voltage transitions, inputs may overshoot VSS to –2.0 V
for periods of up to 20 ns. See Figure 6. Maximum DC
voltage on input and I/O pins is VCC + 0.5 V. During volt-
age transitions, input and I/O pins may overshoot to VCC
+ 2.0 V for periods up to 20 ns. See Figure 7.
2. Minimum DC input voltage on A9 pin is –0.5 V. During
voltage transitions, A9 pins may overshoot VSS to –2.0 V
for periods of up to 20 ns. See Figure 6. Maximum DC in-
put voltage on A9 is +12.5 V which may overshoot to 13.5
V for periods up to 20 ns.
3. No more than one output shorted at a time. Duration of
the short circuit should not be greater than one second.
Stresses above those listed under “Absolute Maximum Rat-
ings” may cause permanent damage to the device. This is a
stress rating only; functional operation of the device at these
or any other conditions above those indicated in the opera-
tional sections of this specification is not implied. Exposure of
the device to absolute maximum rating conditions for ex-
tended periods may affect device reliability.
Figure 6.
Maximum Negative Overshoot
Waveform
Figure 7.
Maximum Positive Overshoot
Waveform
OPERATING RANGES
Commercial (C) Devices
Case Temperature (TA) . . . . . . . . . . . . . 0°C to +70°C
Industrial (I) Devices
Case Temperature (TA) . . . . . . . . . . . –40°C to +85°C
Extended (E) Devices
Case Temperature (TA) . . . . . . . . . . –55°C to +125°C
VCC Supply Voltages
VCC for all devices . . . . . . . . . . . . .+4.50 V to +5.50 V
Operating ranges define those limits between which the
functionality of the device is guaranteed.
20 ns
20 ns
+0.8 V
–0.5 V
20 ns
–2.0 V
18926C-11
20 ns
20 ns
VCC
+2.0 V
VCC
+0.5 V
20 ns
2.0 V
18926C-12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com