Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMPCBMMCXFSTJACKHT Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # EMPCBMMCXFSTJACKHT
Description  MMCX (F) Jack For Edge PCB Mount
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EMPCBMMCXFSTJACKHT Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  EMPCBMMCXFSTJACKHT Datasheet HTML 1Page - List of Unclassifed Manufacturers EMPCBMMCXFSTJACKHT Datasheet HTML 2Page - List of Unclassifed Manufacturers EMPCBMMCXFSTJACKHT Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SPE-12-8-135/A/WY
Page 2 of 3
1. Introduction
The EMPCB.MMCXFSTJ.A.HT connector was designed to be mounted on a PCB edge. The edge
mount configuration allows the connector to be easily slotted onto a PCB board; the maximum
thickness of PCB that the connector can be used with is 0.8mm. The connector pin is directly
soldered onto pads on the PCB. Taoglas connectors are all RoHS compliant.
2. Specification
ELECTRICAL
Impedance
50Ω
Frequency Range
DC~6 GHz
Working Voltage
Max. ≤170 Vrms
Dielectric withstanding Voltage
500 Vrms
Insulation Resistance
≥1000M ohms
MECHANICAL
Connector Dimension
7.4mm*4.5 mm
Max. Thickness PCB acceptable
0.8mm
Connector Pin Diameter
0.7mm
Connector Type
MMCX(F) to PCB Edge Mounted
ENVIRONMENTAL
RoHS compliant



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com