Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29LL800BB-150SC Datasheet(PDF) 40 Page - Advanced Micro Devices

Part # AM29LL800BB-150SC
Description  8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 2.2 Volt-only Boot Sector Flash Memory
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29LL800BB-150SC Datasheet(HTML) 40 Page - Advanced Micro Devices

Back Button AM29LL800BB-150SC Datasheet HTML 32Page - Advanced Micro Devices AM29LL800BB-150SC Datasheet HTML 33Page - Advanced Micro Devices AM29LL800BB-150SC Datasheet HTML 34Page - Advanced Micro Devices AM29LL800BB-150SC Datasheet HTML 35Page - Advanced Micro Devices AM29LL800BB-150SC Datasheet HTML 36Page - Advanced Micro Devices AM29LL800BB-150SC Datasheet HTML 37Page - Advanced Micro Devices AM29LL800BB-150SC Datasheet HTML 38Page - Advanced Micro Devices AM29LL800BB-150SC Datasheet HTML 39Page - Advanced Micro Devices AM29LL800BB-150SC Datasheet HTML 40Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 40 / 40 page
background image
40
Am29LL800B
ADV ANCE
I N FO RMAT I O N
REVISION SUMMARY FOR AM29LL800B
Revision A+1
Distinctive Characteristics
Ultra low power consumption bullet: The typical Auto-
matic Sleep Mode and standby mode currents are both
75 nA.
DC Characteristics, CMOS Compatible
The typical current for ICC3, ICC4, and ICC5 is 75 nA.
Revision A+2
Reset Command
Deleted last paragraph in section, which applied to RE-
SET#, not the reset command.
Revision A+3
Figure 2, In-System Sector Protect/Unprotect
Algorithms
In the sector protect algorithm, added a “PLSCNT=1”
box in the path from “Protect another sector?” back to
setting up the next sector address.
DC Characteristics
Changed Note 1 to indicate that OE# is at VIH for the
listed current.
Erase and Program Operations; Alternate CE#
Controlled Erase/Program Operations
Corrected the notes reference for tWHWH1 and tWHWH2.
These parameters are 100% tested. Corrected the
note reference for tVCS. This parameter is not 100%
tested. Removed tOEH parameters from CE# Con-
trolled Erase/Program Operations table for consistency
with other data sheets.
Temporary Sector Unprotect Table
Added note reference for tVIDR. This parameter is not
100% tested.
Figure 23, Temporary Sector Unprotect Timing
Diagram
Changed the high voltage (VID) on the RESET# wave-
form to 10 V.
Figure 24, Sector Protect/Unprotect Timing
Diagram
A valid address is not required for the first write cycle;
only the data 60h.
Erase and Programming Performance
In Note 2, the worst case endurance is now 1 million cy-
cles.
Trademarks
Copyright © 1998 Advanced Micro Devices, Inc. All rights reserved.
AMD, the AMD logo, and combinations thereof are registered trademarks of Advanced Micro Devices, Inc.
ExpressFlash is a trademark of Advanced Micro Devices, Inc.
Product names used in this publication are for identification purposes only and may be trademarks of their respective companies.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com