Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29F080B-75ECB Datasheet(PDF) 10 Page - Advanced Micro Devices

Part # AM29F080B-75ECB
Description  8 Megabit (1 M x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29F080B-75ECB Datasheet(HTML) 10 Page - Advanced Micro Devices

Back Button AM29F080B-75ECB Datasheet HTML 6Page - Advanced Micro Devices AM29F080B-75ECB Datasheet HTML 7Page - Advanced Micro Devices AM29F080B-75ECB Datasheet HTML 8Page - Advanced Micro Devices AM29F080B-75ECB Datasheet HTML 9Page - Advanced Micro Devices AM29F080B-75ECB Datasheet HTML 10Page - Advanced Micro Devices AM29F080B-75ECB Datasheet HTML 11Page - Advanced Micro Devices AM29F080B-75ECB Datasheet HTML 12Page - Advanced Micro Devices AM29F080B-75ECB Datasheet HTML 13Page - Advanced Micro Devices AM29F080B-75ECB Datasheet HTML 14Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 37 page
background image
10
Am29F080B
P R E L I M I NARY
Table 3.
Am29F080B Autoselect Codes (High Voltage Method)
Legend: L = Logic Low = VIL, H = Logic High = VIH, SGA = Sector Group Address, X = Don’t care.
Note: The system may also autoselect information in-system via the command register. See Table 5.
Sector Group Protection/Unprotection
The hardware group sector protection feature dis-
ables both program and erase operations in any sec-
tor group. Each sector group consists of two adjacent
sectors. Table 4 shows how the sectors are grouped,
and the address range that each sector group con-
tains. The hardware sector group unprotection fea-
ture re-enables both program and erase operations in
previously protected sector groups.
Sector group protection/unprotection must be imple-
mented using programming equipment. The procedure
requires a high voltage (VID) on address pin A9 and the
control pins. Details on this method are provided in a
supplement, listed in publication number 19945. Con-
tact an AMD representative to obtain a copy of the ap-
propriate document.
The device is shipped with all sectors unprotected.
AMD offers the option of programming and protecting
sector groups at its factory prior to shipping the device
through AMD’s ExpressFlash™ Service. Contact an
AMD representative for details.
It is possible to determine whether a sector group is
protected or unprotected. See “Autoselect Mode” for
details.
Table 4.
Sector Group Addresses
Temporary Sector Group Unprotect
This feature allows temporary unprotection of previ-
ously protected sector groups to change data in-sys-
tem. The Sector Group Unprotect mode is activated
by setting the RESET# pin to VID. During this mode,
formerly protected sector groups can be programmed
or erased by selecting the sector group addresses.
Once VID is removed from the RESET# pin, all the
pre v io us l y
pr ote c t ed
s e c t or
g r oups
are
protected again. Figure 1 shows the algorithm, and
the Temporary Sector Group Unprotect diagram
shows the timing waveforms, for this feature.
Figure 1.
Temporary Sector Group Unprotect
Operation
Description
CE#
OE#
WE#
A19
to
A12
A11
to
A10
A9
A8
to
A7
A6
A5
to
A2
A1
A0
DQ7
to
DQ0
Manufacturer ID: AMD
L
L
H
X
X
VID
XL
XL
L
01h
Device ID: Am29F080B
L
L
H
X
X
VID
XL
XL
H
D5h
Sector Group
Protection Verification
LL
H
SGA
X
VID
XL
X
H
L
01h (protected)
00h
(unprotected)
Sector
Group
A19
A18
A17
Sectors
SGA0
0
0
0
SA0
–SA1
SGA1
0
0
1
SA2
–SA3
SGA2
0
1
0
SA4
–SA5
SGA3
0
1
1
SA6
–SA7
SGA4
1
0
0
SA8
–SA9
SGA5
1
0
1
SA10
–SA11
SGA6
1
1
0
SA12
–SA13
SGA7
1
1
1
SA14
–SA15
START
Perform Erase or
Program Operations
RESET# = VIH
Temporary Sector Group
Unprotect
Completed (Note 2)
RESET# = VID
(Note 1)
Notes:
1. All protected sector groups unprotected.
2. All previously protected sector groups are protected
once again.
21503C-6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com