Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29LV116B Datasheet(PDF) 17 Page - Advanced Micro Devices

Part # AM29LV116B
Description  16 Megabit (2 M x 8-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29LV116B Datasheet(HTML) 17 Page - Advanced Micro Devices

Back Button AM29LV116B Datasheet HTML 13Page - Advanced Micro Devices AM29LV116B Datasheet HTML 14Page - Advanced Micro Devices AM29LV116B Datasheet HTML 15Page - Advanced Micro Devices AM29LV116B Datasheet HTML 16Page - Advanced Micro Devices AM29LV116B Datasheet HTML 17Page - Advanced Micro Devices AM29LV116B Datasheet HTML 18Page - Advanced Micro Devices AM29LV116B Datasheet HTML 19Page - Advanced Micro Devices AM29LV116B Datasheet HTML 20Page - Advanced Micro Devices AM29LV116B Datasheet HTML 21Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 40 page
background image
17
Am29LV116B
PREL I M I N AR Y
quence should be reinitiated once the device has reset
to reading array data, to ensure data integrity.
Programming is allowed in any sequence and across
sector boundaries. A bit cannot be programmed
from a “0” back to a “1”. Attempting to do so may halt
the operation and set DQ5 to “1,” or cause the Data#
Polling algorithm to indicate the operation was suc-
cessful. However, a succeeding read will show that the
data is still “0”. Only erase operations can convert a “0”
to a “1”.
Unlock Bypass Command Sequence
The unlock bypass feature allows the system to pro-
gram bytes to the device faster than using the standard
program command sequence. The unlock bypass com-
mand sequence is initiated by first writing two unlock
cycles. This is followed by a third write cycle containing
the unlock bypass command, 20h. The device then en-
ters the unlock bypass mode. A two-cycle unlock by-
pass program command sequence is all that is
required to program in this mode. The first cycle in this
sequence contains the unlock bypass program com-
mand, A0h; the second cycle contains the program ad-
dress and data. Additional data is programmed in the
same manner. This mode dispenses with the initial two
unlock cycles required in the standard program com-
mand sequence, resulting in faster total programming
time. Table 9 shows the requirements for the command
sequence.
During the unlock bypass mode, only the Unlock By-
pass Program and Unlock Bypass Reset commands
are valid. To exit the unlock bypass mode, the system
must issue the two-cycle unlock bypass reset com-
mand sequence. The first cycle must contain the data
90h; the second cycle the data 00h. Addresses are
don’t cares for both cycles. The device then returns to
reading array data.
Figure 3 illustrates the algorithm for the program oper-
ation. See the Erase/Program Operations table in “AC
Characteristics” for parameters, and to Figure 15 for
timing diagrams
Note: See Table 9 for program command sequence.
Figure 3.
Program Operation
START
Write Program
Command Sequence
Data Poll
from System
Verify Data?
No
Yes
Last Address?
No
Yes
Programming
Completed
Increment Address
Embedded
Program
algorithm
in progress
21359C-6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com