Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2802P-R-FA Datasheet(PDF) 2 Page - Emcore Corporation

Part # 2802P-R-FA
Description  2802 PRO 10 Channel Singlemode CATV VSB/AM Video Link
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMCORE [Emcore Corporation]
Direct Link  http://www.emcore.com
Logo EMCORE - Emcore Corporation

2802P-R-FA Datasheet(HTML) 2 Page - Emcore Corporation

  2802P-R-FA Datasheet HTML 1Page - Emcore Corporation 2802P-R-FA Datasheet HTML 2Page - Emcore Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
DATASHEET | JULY 2013
FIBER OPTICS
| REV 2013.07
Information contained herein is deemed reliable and accurate as of the issue date. EMCORE reserves the right to change the design or specification at any time without notice.
RF & Optical Characteristics
Parameter
Min
Typ
Max
Units
Transmitter Optical Output Power
+2.0
+3.0
+4.0
dBm
Receiver Optical Input Power
-9.0
-
+4.0
dBm
Optical Loss Range
0
-
12
dB
Operating Wavelength
1290
1310
1330
nm
Lower Bandwidth
-
-
5
MHz
Upper Bandwidth
350
400
-
MHz
RF Impedance
-
75
-
Ohms
0 dB Optical Loss
-
+24
-
dB
10 dB Optical Loss
-
+4
-
dB
Composite Triple Beat (CTB)
-
-63
-57
dBc
Composite Second Order (CSO)
-
-70
-65
dBc
Carrier-to-Noise Ratio
See Graph
dB
System performance specifications indicated for use with 9/125 µm singlemode fiber.
Electrical Characteristics
Parameter
Min
Typ
Max
Units
Power Supply Voltage
+9
VDC
Transmitter Power Supply Current
-
205
260
mA
Receiver Power Supply Current
-
95
150
mA
Physical Characteristics
Parameter
Min
Typ
Max
Units
Weight (Stand-Alone Tx/Rx)
-
6
170
-
oz.
g
Dimensions (Stand-Alone Tx/Rx)
-
5.75 x 2.95 x 1.143
146 x 75 x 29
-
in
mm
Environmental Characteristics
Parameter
Min
Typ
Max
Units
Operating Temperature Range
+10
-
+40
OC
Storage Temperature Range
-20
-
+70
OC
Relative Humidity
0
-
95
%
2802 PRO 10 Channel Singlemode
CATV VSB/AM Video Link
Carrier-to-Noise Performance:



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com