Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2802P-R-SA Datasheet(PDF) 1 Page - Emcore Corporation

Part # 2802P-R-SA
Description  2802 PRO 10 Channel Singlemode CATV VSB/AM Video Link
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMCORE [Emcore Corporation]
Direct Link  http://www.emcore.com
Logo EMCORE - Emcore Corporation

2802P-R-SA Datasheet(HTML) 1 Page - Emcore Corporation

  2802P-R-SA Datasheet HTML 1Page - Emcore Corporation 2802P-R-SA Datasheet HTML 2Page - Emcore Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DATASHEET | JULY 2013
FIBER OPTICS
| REV 2013.07
Information contained herein is deemed reliable and accurate as of the issue date. EMCORE reserves the right to change the design or specification at any time without notice.
Features
Able to Transmit Up to 10 CATV
Channels Over One Singlemode Fiber
Supports Transmission of Sub-Band,
Low-Band, FM, Mid-Band, and High-
Band Channels, Adding Flexibility to the
System
Built in RF Input Level Indicator Aids in
Commissioning and Troubleshooting the
Link
Ideal for Use as CATV Return Path Link
Compatible with Standard Television
Industry Voltages and Impedances
Ideal for Small Corporate TV Video
Distribution, Campus Media Retrieval
Systems, Tele-Conferencing, and Much
More
The 2802 PRO 10 Channel CATV VSB/AM Video Link offers a state-of-the-art solution for
high-quality CATV transmission. The 2802 PRO offers exceptional analog bandwidth from
5 to 400 MHz allowing transmission of all sub-band, low-band, FM, mid-band, and high-
band channels. This feature allows the system to deliver custom designed video services.
In conjunction with a VCR, camcorder, or CATV feed, the 2802 PRO can transmit TV
channels and their sound carriers, over a distance of 10 km or more at 1310 nm over one
singlemode fiber. The link is ideal for implementing a CATV return path link. The link
utilizes inputs from standard CATV VSB/AM modulators, processors, and other ancillary
equipment, making the 2802 PRO link an excellent plug-and-play system. LED indicators
and built-in RF and optical power meters allow for quick assessment of the link’s status.
10 Channel Singlemode Transmitter and Receiver Part Numbers
Description
Part Number
Stand-Alone Transmitter, 1310 nm, FC/APC Optical Connector
2802P-T-1310-FA
Stand-Alone Transmitter, 1310 nm, SC/APC Optical Connector
2802P-T-1310-SA
Stand-Alone Receiver, 1310/1500 nm FC/APC Optical Connector
2802P-R-FA
Stand-Alone Receiver, 1310/1550 nm SC/APC Optical Connector
2802P-R-SA
Note: Power Supply Part Number PS095 included.
Accessory Part Numbers
Description
Part Number
Transmitter Stand-Alone Power Supply, +9 Volts DC
PS095
Receiver Stand-Alone Power Supply, +9 Volts DC
PS095
2802 PRO 10 Channel Singlemode
CATV VSB/AM Video Link


Similar Part No. - 2802P-R-SA

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
2802P-R-SA EMCORE-2802P-R-SA Datasheet
121Kb / 2P
CATV Transmitter
2802P-R-SA EMCORE-2802P-R-SA Datasheet
252Kb / 2P
10 Channel Singlemode CATV VSB/AM
More results

Similar Description - 2802P-R-SA

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
MGM3000X SIEMENS-MGM3000X Datasheet
1,016Kb / 23P
Video Modulator for FM/AM-Audio
logo
Hynix Semiconductor
GDC21D003 HYNIX-GDC21D003 Datasheet
1Mb / 77P
VSB Receiver
logo
Siemens Semiconductor G...
TDA5667-5 SIEMENS-TDA5667-5 Datasheet
716Kb / 22P
Video Modulator for FM/AM-Audio
logo
Emcore Corporation
2801P-T-1310-ST EMCORE-2801P-T-1310-ST_12 Datasheet
235Kb / 2P
Multimode CATV VSB/AM
2802P-T-1310-FA EMCORE-2802P-T-1310-FA_12 Datasheet
252Kb / 2P
10 Channel Singlemode CATV VSB/AM
2801P-T-1310-ST EMCORE-2801P-T-1310-ST_13 Datasheet
159Kb / 2P
2801 PRO 5 Channel Multimode CATV VSB/AM Video Link
2802 EMCORE-2802_16 Datasheet
88Kb / 2P
CATV VSB/AM Video Link
2801 EMCORE-2801_16 Datasheet
154Kb / 2P
CATV VSB/AM Video Link
logo
Banner Engineering Corp...
K50 BANNER-K50_V01 Datasheet
520Kb / 8P
K50 Pro Touch Button with IO-Link
logo
IOGEAR
GPLHDRX IOGEAR-GPLHDRX Datasheet
158Kb / 2P
Video Over Powerline PRO Receiver
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com