Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2804TH-SCSP06 Datasheet(PDF) 2 Page - Emcore Corporation

Part # 2804TH-SCSP06
Description  2804 110 Channel CATV Professional Distribution System (PDS)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMCORE [Emcore Corporation]
Direct Link  http://www.emcore.com
Logo EMCORE - Emcore Corporation

2804TH-SCSP06 Datasheet(HTML) 2 Page - Emcore Corporation

  2804TH-SCSP06 Datasheet HTML 1Page - Emcore Corporation 2804TH-SCSP06 Datasheet HTML 2Page - Emcore Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
DATASHEET JULY 2013
FIBER OPTICS
| REV 2013.07
Information contained herein is deemed reliable and accurate as of the issue date. EMCORE reserves the right to change the design or specification at any time without notice.
RF & Optical Characteristics
Parameter
Min
Typ
Max
Units
Channel Loading
-
-
110
ch
Operating Wavelength
1290
1310
1330
nm
Bandwidth
40
-
870
MHz
Input/Output RF Impedance
-
75
-
Ohms
Side Mode Suppression Ratio
30
-
-
dB
Back Reflection Tolerance
-
-
-50
dB
Required Fiber Bandwidth
2,000
-
-
MHz
Composite Second Order (CSO)
-
-
-65
dBc
Composite Triple Beat (CTB)
-
-
-69
dBc
Carrier-to-Noise Ratio
See Graph
dB
System performance specifications indicated for use with 9/125 µm singlemode fiber.
Electrical Characteristics
Parameter
Min
Typ
Max
Units
Power Supply Voltage
120
240
VAC
Power Supply Frequency
50
60
-
Hz
Power Dissipation
-
25
-
Watts
Fuse Rating (Slow Blow)
1.25
A
Physical Characteristics
Parameter
Min
Typ
Max
Units
Weight
-
5.5
2.5
-
lbs.
kg
Dimensions
-
19 x 1.72 x 14.1
483 x 44 x 358
-
in.
mm
Environmental Characteristics
Parameter
Min
Typ
Max
Units
Operating Temperature Range
0
-
+45
OC
Storage Temperature Range
-20
-
+70
OC
Relative Humidity
0
-
90
%
2804 110 Channel CATV
Professional Distribution System (PDS)
Carrier-to-Noise Performance



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com