Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29F400AB-65SC Datasheet(PDF) 1 Page - Advanced Micro Devices

Part # AM29F400AB-65SC
Description  4 Megabit (524,288 x 8-Bit/262,144 x 16-Bit) CMOS 5.0 Volt-only, Sector Erase Flash Memory
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29F400AB-65SC Datasheet(HTML) 1 Page - Advanced Micro Devices

  AM29F400AB-65SC Datasheet HTML 1Page - Advanced Micro Devices AM29F400AB-65SC Datasheet HTML 2Page - Advanced Micro Devices AM29F400AB-65SC Datasheet HTML 3Page - Advanced Micro Devices AM29F400AB-65SC Datasheet HTML 4Page - Advanced Micro Devices AM29F400AB-65SC Datasheet HTML 5Page - Advanced Micro Devices AM29F400AB-65SC Datasheet HTML 6Page - Advanced Micro Devices AM29F400AB-65SC Datasheet HTML 7Page - Advanced Micro Devices AM29F400AB-65SC Datasheet HTML 8Page - Advanced Micro Devices AM29F400AB-65SC Datasheet HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
PRELIMINARY
This document contains information on a product under development at Advanced Micro Devices. The information
is intended to help you evaluate this product. AMD reserves the right to change or discontinue work on this proposed
product without notice.
Publication# 20380
Rev: B Amendment/0
Issue Date: April 1997
Am29F400AT/Am29F400AB
4 Megabit (524,288 x 8-Bit/262,144 x 16-Bit) CMOS 5.0 Volt-only,
Sector Erase Flash Memory
DISTINCTIVE CHARACTERISTICS
s 5.0 V
± 10% for read and write operations
— Minimizes system level power requirements
s Compatible with JEDEC-standards
— Pinout and software compatible with
single-power-supply flash
— Superior inadvertent write protection
s Package options
— 44-pin SO
— 48-pin TSOP
s Minimum 100,000 write/erase cycles guaranteed
s High performance
— 60 ns maximum access time
s Sector erase architecture
— One 16 Kbyte, two 8 Kbytes, one 32 Kbyte, and
seven 64 Kbytes
— Any combination of sectors can be erased. Also
supports full chip erase.
s Sector protection
— Hardware method that disables any combination
of sectors from write or erase operations.
Implemented using standard PROM
programming equipment.
s Embedded Erase
™ Algorithms
— Automatically preprograms and erases the chip
or any sector
s Embedded Program
™ Algorithms
— Automatically programs and verifies data at
specified address
s Data Polling and Toggle Bit feature for detection
of program or erase cycle completion
s Ready/Busy output (RY/BY)
— Hardware method for detection of program or
erase cycle completion
s Erase Suspend/Resume
— Supports reading data from a sector not being
erased
s Low power consumption
— 20 mA typical active read current for Byte Mode
— 28 mA typical active read current for Word Mode
— 30 mA typical program/erase current
s Enhanced power management for standby
mode
—1
µA typical standby current
s Boot Code Sector Architecture
— T = Top sector
— B = Bottom sector
s Hardware RESET pin
— Resets internal state machine to the read mode
GENERAL DESCRIPTION
The Am29F400A is a 4 Mbit, 5.0 Volt-only Flash memory
organized as 512 Kbytes of 8 bits each or 256 Kwords
of 16 bits each. The 4 Mbits of data is divided into 11
sectors of one 16 Kbyte, two 8 Kbyte, one 32 Kbyte,
and seven 64 Kbytes, for flexible erase capability. The
8 bits of data will appear on DQ0–DQ7 or 16 bits on
DQ0–DQ15. The Am29F400A is offered in 44-pin SO
and 48-pin TSOP packages. This device is designed
to be programmed in-system with the standard system
5.0 Volt VCC supply. 12.0 Volt VPP is not required for
program or erase operations. The device can also be re-
programmed in standard EPROM programmers.
The standard Am29F400A offers access times of
60 ns, 70 ns, 90 ns, 120 ns and 150 ns, allowing high
speed microprocessors to operate without wait states.
To eliminate bus contention the device has sepa-
rate chip enable (CE), write enable (WE) and output
enable (OE) controls.
The Am29F400A is entirely command set compatible
with the JEDEC single-power-supply Flash standard.
Commands are written to the command register using
standard microprocessor write timings. Register con-
tents serve as input to an internal state-machine
which controls the erase and programming circuitry.


Similar Part No. - AM29F400AB-65SC

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM29F400B AMD-AM29F400B Datasheet
515Kb / 37P
4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 5.0 Volt-only Boot Sector Flash Memory
AM29F400B AMD-AM29F400B Datasheet
870Kb / 43P
4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 5.0 Volt-only Boot Sector Flash Memory
AM29F400B AMD-AM29F400B Datasheet
911Kb / 42P
4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 5.0 Volt-only Boot Sector Flash Memory
AM29F400B-1 AMD-AM29F400B-1 Datasheet
139Kb / 9P
4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory-Die Revision 1
AM29F400BB-120DGC AMD-AM29F400BB-120DGC Datasheet
139Kb / 9P
4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory-Die Revision 1
More results

Similar Description - AM29F400AB-65SC

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V29C51400T MOSEL-V29C51400T Datasheet
69Kb / 16P
4 MEGABIT 262,144 x 16 BIT/524,288 x 8 BIT 5 VOLT CMOS FLASH MEMORY
logo
Advanced Micro Devices
AM29F016B-1 AMD-AM29F016B-1 Datasheet
190Kb / 8P
16 Megabit (2 M x 8-Bit) CMOS 5.0 Volt-only, Sector Erase Flash Memory-Die Revision 1
AM29F017B AMD-AM29F017B Datasheet
443Kb / 35P
16 Megabit (2 M x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory
AM29F040 AMD-AM29F040 Datasheet
446Kb / 33P
4 Megabit (524,288 x 8-Bit) CMOS 5.0 Volt-only, Sector Erase Flash Memory
logo
Hynix Semiconductor
HY29F040A HYNIX-HY29F040A Datasheet
282Kb / 40P
512K x 8-bit CMOS 5.0 volt-only, Sector Erase Flash Memory
logo
Advanced Micro Devices
AM29F016 AMD-AM29F016 Datasheet
219Kb / 36P
16-Megabit (2,097,152 x 8-Bit) CMOS 5.0 Volt-only, Sector Erase Flash Memory
logo
List of Unclassifed Man...
EN29F800 ETC-EN29F800 Datasheet
221Kb / 38P
8 Megabit (1024K x 8-bit / 512K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 5.0 Volt-only
logo
Advanced Micro Devices
AM29F800T AMD-AM29F800T Datasheet
250Kb / 41P
8 Megabit (1,048,576 x 8-Bit/524,288 x 16-Bit) CMOS 5.0 Volt-only, Sector Erase Flash Memory
AM29F017D AMD-AM29F017D Datasheet
797Kb / 41P
16 Megabit (2 M x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory
AM29F016D AMD-AM29F016D_02 Datasheet
252Kb / 12P
16 Megabit (2 M x 8-Bit) CMOS 5.0 Volt-only, Sector Erase Flash Memory-Die Revision 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com