Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1607ACPZN-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # ADP1607ACPZN-R7
Description  2 MHz, Synchronous Boost DC-to-DC Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1607ACPZN-R7 Datasheet(HTML) 1 Page - Analog Devices

  ADP1607ACPZN-R7 Datasheet HTML 1Page - Analog Devices ADP1607ACPZN-R7 Datasheet HTML 2Page - Analog Devices ADP1607ACPZN-R7 Datasheet HTML 3Page - Analog Devices ADP1607ACPZN-R7 Datasheet HTML 4Page - Analog Devices ADP1607ACPZN-R7 Datasheet HTML 5Page - Analog Devices ADP1607ACPZN-R7 Datasheet HTML 6Page - Analog Devices ADP1607ACPZN-R7 Datasheet HTML 7Page - Analog Devices ADP1607ACPZN-R7 Datasheet HTML 8Page - Analog Devices ADP1607ACPZN-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
2 MHz, Synchronous Boost
DC-to-DC Converter
Data Sheet
ADP1607
Rev. C
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2012–2013 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Up to 96% efficiency
0.8 V to VOUT input voltage range
Low 0.9 V input start-up voltage
1.8 V to 3.3 V output voltage range
23 µA quiescent current
Fixed PWM and light load PFM mode options
Synchronous rectification
True shutdown output Isolation
Internal soft start, compensation, and current limit
2 mm × 2 mm, 6-lead LFCSP
Compact solution size
APPLICATIONS
1-cell and 2-cell alkaline and NiMH/NiCd powered devices
Portable audio players, instruments, and medical devices
Solar cell applications
Miniature hard disk power supplies
Power LED status indicators
GENERAL DESCRIPTION
The ADP1607 is a high efficiency, synchronous, fixed
frequency, step-up dc-to-dc switching converter with an
adjustable output voltage between 1.8 V and 3.3 V for use
in portable applications.
The 2 MHz operating frequency enables the use of small
footprint, low profile external components. Additionally, the
synchronous rectification, internal compensation, internal fixed
current limit, and current mode architecture allow for excellent
transient response and a minimal external part count.
Other key features include fixed PWM and light load PFM
mode options, true output isolation, thermal shutdown (TSD),
and logic controlled enable. Available in a lead-free, thin, 6-lead
LFCSP package, the ADP1607 is ideal for providing efficient
power conversion in portable devices.
TYPICAL APPLICATION CIRCUIT
ADP1607
1
2
3
VIN
EN
5
SW
6
VOUT
FB
ON
OFF
4
GND
ADJUSTABLE
OUTPUT VOLTAGE
1.8V TO 3.3V
INPUT VOLTAGE
0.8V TO VOUT
L
2.2µH
CIN
10µF
COUT
10µF
R1
R2
Figure 1.


Similar Part No. - ADP1607ACPZN-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP1607ACPZN-R7 AD-ADP1607ACPZN-R7 Datasheet
626Kb / 16P
2 MHz, Synchronous Boost DC-to-DC Converter
REV. C
ADP1607ACPZN-R7 AD-ADP1607ACPZN-R7 Datasheet
520Kb / 16P
2 MHz, Synchronous Boost DC-to-DC Converters
7/14-Rev. C to Rev. D
More results

Similar Description - ADP1607ACPZN-R7

ManufacturerPart #DatasheetDescription
logo
FOSLINK SEMICONDUCTOR C...
FSP3602 FOSLINK-FSP3602 Datasheet
176Kb / 5P
SYNCHRONOUS BOOST DC/DC CONVERTER
logo
Linear Technology
LTC3440 LINER-LTC3440 Datasheet
220Kb / 20P
Micropower Synchronous Buck-Boost DC/DC Converter
LTC3538 LINER-LTC3538 Datasheet
210Kb / 16P
800mA Synchronous Buck-Boost DC/DC Converter
logo
fujitsu semiconductor
MB39C326 FUJITSU-MB39C326 Datasheet
1Mb / 2P
6MHz Synchronous Buck Boost DC/DC Converter
logo
Analog Devices
ADP1607ACPZN-R7 AD-ADP1607ACPZN-R7 Datasheet
626Kb / 16P
2 MHz, Synchronous Boost DC-to-DC Converter
REV. C
logo
Linear Technology
LTC3440 LINER-LTC3440_15 Datasheet
289Kb / 20P
Micropower Synchronous Buck-Boost DC/DC Converter
logo
Cypress Semiconductor
MB39C326 CYPRESS-MB39C326 Datasheet
885Kb / 22P
6 MHz Synchronous Rectification Buck-Boost DC/DC Converter IC
logo
Rohm
BU33UV7NUX ROHM-BU33UV7NUX Datasheet
1Mb / 24P
Synchronous Boost DC/DC Converter
logo
Shenzhen Huazhimei Semi...
HM6385 HMSEMI-HM6385 Datasheet
1Mb / 8P
Synchronous boost DC-DC converter
logo
Analog Devices
ADP1606 AD-ADP1606 Datasheet
520Kb / 16P
2 MHz, Synchronous Boost DC-to-DC Converters
7/14-Rev. C to Rev. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com