Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EE-SX911-C1J-R Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # EE-SX911-C1J-R
Description  Meeting Customer Needs with Compact Sensors that Mount with M3 Screws
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

EE-SX911-C1J-R Datasheet(HTML) 3 Page - Omron Electronics LLC

  EE-SX911-C1J-R Datasheet HTML 1Page - Omron Electronics LLC EE-SX911-C1J-R Datasheet HTML 2Page - Omron Electronics LLC EE-SX911-C1J-R Datasheet HTML 3Page - Omron Electronics LLC EE-SX911-C1J-R Datasheet HTML 4Page - Omron Electronics LLC EE-SX911-C1J-R Datasheet HTML 5Page - Omron Electronics LLC EE-SX911-C1J-R Datasheet HTML 6Page - Omron Electronics LLC EE-SX911-C1J-R Datasheet HTML 7Page - Omron Electronics LLC EE-SX911-C1J-R Datasheet HTML 8Page - Omron Electronics LLC EE-SX911-C1J-R Datasheet HTML 9Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
EE-SX91
3
Ratings and Specifications
Applicable Connector
* The response frequency was measured by detecting the following rotating
disk. The response times for light incidence and light interruption are shown in
the timing chart.
Item
Type
Standard
L-shaped
F-shaped
R-shaped
U-shaped
NPN
mod-
els
Pre-wired models EE-SX910-R
EE-SX911-R
EE-SX912-R
EE-SX913-R
EE-SX914-R
Models with con-
nectors
EE-SX910-C1J-R
EE-SX911-C1J-R
EE-SX912-C1J-R
EE-SX913-C1J-R
EE-SX914-C1J-R
PNP
mod-
els
Pre-wired models EE-SX910P-R
EE-SX911P-R
EE-SX912P-R
EE-SX913P-R
EE-SX914P-R
Models with con-
nectors
EE-SX910P-C1J-R EE-SX911P-C1J-R EE-SX912P-C1J-R EE-SX913P-C1J-R EE-SX914P-C1J-R
Sensing distance
5 mm (slot width)
Sensing object
Opaque: 1.2
× 0.8 mm min.
Differential distance
0.025 mm max.
Light source
GaAs infrared LED with a peak wavelength of 940 nm
Indicator
Light indicator (red LED)
Supply voltage
5 to 24 VDC
±10%, ripple (p-p): 10% max.
Current consumption
15 mA max.
Control output
Load power supply voltage: 5 to 24 VDC
Load current: 100 mA max.
OFF current: 0.5 mA max.
100 mA load current with a residual voltage of 1.0 V max.
5 mA load current with a residual voltage of 0.4 V max.
Protection circuits
Power supply reverse polarity protection; output reverse polarity protection
Response frequency
3 kHz min. (8 kHz average) Light incident: 15
µs average; light interrupted: 40 µs average*
Ambient illumination
1,000 lx max. with fluorescent light on the surface of the receiver
Ambient temperature range
Operating:
−25 to 55°C
Storage:
−30 to 80°C (with no icing or condensation)
Ambient humidity range
Operating: 5% to 85%
Storage:
5% to 95% (with no icing or condensation)
Vibration resistance (Destruction)
10 to 2,000 Hz
0.75-mm single amplitude for 2.5 h (15-min periods, 10 cycles) each in X, Y, and Z directions
Shock resistance (Destruction)
500 m/s2 for 3 times each in X, Y, and Z directions
Degree of protection
IEC60529 IP50
Connecting method
Pre-wired Models (standard cable length: 1 m), Models with Connectors (standard cable length: 0.3 m)
Weight
(packed state)
Pre-wired Models
Approx. 17 g
Models with Con-
nectors
Approx. 7 g
Mate-
rials
Case/cover
Polybutylene phthalate (PBT)
Emitter/receiver
Polycarbonate (PC)
Product Connector with Robot Cable
Model EE-1016-R
Item
Appearance
Contact resistance
25 m
Ω max.
(at 10 mA DC and 20 mV max.)
Insertion strength
20 N max.
Surplus strength
(housing holding
strength)
15 N min.
Cable length
2 m
Ambient temperature
range
−25 to 85°C
Mate-
rials
Housing
Nylon
Contact
Phosphor bronze
1 mm
2 mm
2 mm
t=0.2 mm
40
µs avg.
15
µs avg.
Disk
ON
OFF
ON
OFF
OUT1 output
transistor
OUT2 output
transistor
Light incident
Light interrupted



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com