Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2323 Datasheet(PDF) 27 Page - Analog Devices

Part # ADP2323
Description  Dual 3 A, 20 V Synchronous Step-Down Regulator with Integrated High-Side MOSFET
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2323 Datasheet(HTML) 27 Page - Analog Devices

Back Button ADP2323 Datasheet HTML 23Page - Analog Devices ADP2323 Datasheet HTML 24Page - Analog Devices ADP2323 Datasheet HTML 25Page - Analog Devices ADP2323 Datasheet HTML 26Page - Analog Devices ADP2323 Datasheet HTML 27Page - Analog Devices ADP2323 Datasheet HTML 28Page - Analog Devices ADP2323 Datasheet HTML 29Page - Analog Devices ADP2323 Datasheet HTML 30Page - Analog Devices ADP2323 Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 32 page
background image
Data Sheet
ADP2323
Rev. A | Page 27 of 32
TRK1
RTOP1
20kΩ
CC1
470pF
RC1
150kΩ
ROK1
100kΩ
ROSC
100kΩ
CSS1
22nF
CINT
1µF
CIN1
10µF, 25V
CBST1
0.1µF
CBST2
0.1µF
L1
1µH
M1
FDS8880
M2
FDS8880
L2
1µH
VIN
12V
VIN
12V
VOUT1
1.8V, 6A
COUT1
100µF
RBOT1
10kΩ
CIN2
10µF, 25V
PGOOD1
SCFG
SYNC
INTVCC
ADP2323
RT
MODE
PGOOD2
TRK2
GND
SW1
SW1
SW2
DL1
PGND
DL2
SW2
VDRV
COUT2
100µF
COUT3
100µF
ROK2
100kΩ
CDRV
1µF
Figure 52. Parallel Single Output Application, VIN = 12 V, VOUT = 1.8 V, IOUT = 6 A, fSW = 600 kHz
M1
INTVCC
RTOP1
22kΩ
CC1
390pF
RC1
62kΩ
CSS1
22nF
CINT
1µF
CDRV
1µF
CIN1
10µF, 25V
CBST1
0.1µF
CBST2
0.1µF
L1
3.3µH
L2
1µH
VIN
12V
VOUT1
5V, 2A
COUT2
100µF
VOUT2
1.0V, 3A
RBOT1
3kΩ
RTOP2
10kΩ
RC2
82kΩ
CC2
390pF
CSS2
22nF
CIN2
10µF, 25V
RBOT2
15kΩ
ROSC
50kΩ
MODE
SCFG
TRK2
TRK1
VDRV
ADP2323
GND
PGOOD2
PGOOD1
SYNC
RT
SW1
DL1
PGND
DL2
SW2
COUT1
22µF
COUT3
100µF
M1
FDS6898A
Figure 53. Cascading Supply Application, VIN1 = 12 V, VOUT1 = 5 V, IOUT1 = 2 A, VOUT2 = 1 V, IOUT2 = 3 A, fSW = 1.2 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com