Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29LV640D Datasheet(PDF) 14 Page - Advanced Micro Devices

Part # AM29LV640D
Description  64 Megabit (4 M x 16-Bit) CMOS 3.0 Volt-only Uniform Sector Flash Memory with VersatileI Control
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29LV640D Datasheet(HTML) 14 Page - Advanced Micro Devices

Back Button AM29LV640D Datasheet HTML 10Page - Advanced Micro Devices AM29LV640D Datasheet HTML 11Page - Advanced Micro Devices AM29LV640D Datasheet HTML 12Page - Advanced Micro Devices AM29LV640D Datasheet HTML 13Page - Advanced Micro Devices AM29LV640D Datasheet HTML 14Page - Advanced Micro Devices AM29LV640D Datasheet HTML 15Page - Advanced Micro Devices AM29LV640D Datasheet HTML 16Page - Advanced Micro Devices AM29LV640D Datasheet HTML 17Page - Advanced Micro Devices AM29LV640D Datasheet HTML 18Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 57 page
background image
September 20, 2002
Am29LV640D/Am29LV641D
13
The RESET# pin may be tied to the system reset cir-
cuitry. A system reset would thus also reset the Flash
memory, enabling the system to read the boot-up firm-
ware from the Flash memory.
If RESET# is asserted during a program or erase op-
eration, the RY/BY# pin remains a “0” (busy) until the
internal reset operation is complete, which requires a
time of t
READY (during Embedded Algorithms). The
system can th us mo nito r RY /BY# to de termin e
whether the reset operation is complete. If RESET# is
asserted when a program or erase operation is not ex-
ecuting (RY/BY# pin is “1”), the reset operation is com-
pleted within a time of t
READY (not during Embedded
Algorithms). The system can read data t
RH after the
RESET# pin returns to V
IH.
Refer to the AC Characteristics tables for RESET# pa-
rameters and to Figure 14 for the timing diagram.
Output Disable Mode
When the OE# input is at V
IH, output from the device is
disabled. The output pins are placed in the high
impedance state.
Table 2.
Sector Address Table
Sector
A21
A20
A19
A18
A17
A16
A15
16-bit Address Range
(in hexadecimal)
SA0
0
0000
00
000000–007FFF
SA1
0
0000
01
008000–00FFFF
SA2
0
0000
10
010000–017FFF
SA3
0
0000
11
018000–01FFFF
SA4
0
0001
00
020000–027FFF
SA5
0
0001
01
028000–02FFFF
SA6
0
0001
10
030000–037FFF
SA7
0
0001
11
038000–03FFFF
SA8
0
0010
00
040000–047FFF
SA9
0
0010
01
048000–04FFFF
SA10
0
0010
10
050000–057FFF
SA11
0
0010
11
058000–05FFFF
SA12
0
0011
00
060000–067FFF
SA13
0
0011
01
068000–06FFFF
SA14
0
0011
10
070000–077FFF
SA15
0
0011
11
078000–07FFFF
SA16
0
0100
00
080000–087FFF
SA17
0
0100
01
088000–08FFFF
SA18
0
0100
10
090000–097FFF
SA19
0
0100
11
098000–09FFFF
SA20
0
0101
00
0A0000–0A7FFF
SA21
0
0101
01
0A8000–0AFFFF
SA22
0
0101
10
0B0000–0B7FFF
SA23
0
0101
11
0B8000–0BFFFF
SA24
0
0110
00
0C0000–0C7FFF
SA25
0
0110
01
0C8000–0CFFFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com