Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29F400AT-150SC Datasheet(PDF) 24 Page - Advanced Micro Devices

Part # AM29F400AT-150SC
Description  4 Megabit (524,288 x 8-Bit/262,144 x 16-Bit) CMOS 5.0 Volt-only, Sector Erase Flash Memory
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29F400AT-150SC Datasheet(HTML) 24 Page - Advanced Micro Devices

Back Button AM29F400AT-150SC Datasheet HTML 20Page - Advanced Micro Devices AM29F400AT-150SC Datasheet HTML 21Page - Advanced Micro Devices AM29F400AT-150SC Datasheet HTML 22Page - Advanced Micro Devices AM29F400AT-150SC Datasheet HTML 23Page - Advanced Micro Devices AM29F400AT-150SC Datasheet HTML 24Page - Advanced Micro Devices AM29F400AT-150SC Datasheet HTML 25Page - Advanced Micro Devices AM29F400AT-150SC Datasheet HTML 26Page - Advanced Micro Devices AM29F400AT-150SC Datasheet HTML 27Page - Advanced Micro Devices AM29F400AT-150SC Datasheet HTML 28Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 35 page
background image
24
Am29F400AT/Am29F400AB
PRELIMINARY
AC CHARACTERISTICS
Read-Only Operations Characteristics
Notes:
Parameter
Symbols
Speed Option (Notes 1 and 2)
JEDEC
Standard Description
Test Setup
-65
-70
-90
-120
-150
Unit
tAVAV
tRC
Read Cycle Time (Note 4)
Min
60
70
90
120
150
ns
tAVQV
tACC
Address to Output Delay
CE = VIL
OE = VIL
Max
60
70
90
120
150
ns
tELQV
tCE
Chip Enable to Output Delay
OE = VIL Max
60
70
90
120
150
ns
tGLQV
tOE
Output Enable to Output
Delay
Max
30
30
35
50
55
ns
tEHQZ
tDF
Chip Enable to Output High Z
(Notes 3, 4)
Max
20
20
20
30
35
ns
tGHQZ
tDF
Output Enable to Output
High Z (Notes 3, 4)
Max
20
20
20
30
35
ns
tAXQX
tOH
Output Hold Time From
Addresses, CE or OE,
Whichever Occurs First
Min
00000
ns
tReady
RESET Pin Low to Read
Mode (Note 4)
Max
20
20
20
20
20
µs
tELFL
tELFH
CE to BYTE Switching Low
or High
Max
55555
ns
1. Test Conditions (for -65 only)
Output Load: 1 TTL gate and 30 pF
Input Rise and Fall Times: 5 ns
Input Pulse Levels:0.0 V to 3.0 V
Timing Measurement Reference Level: 1.5 V input
and output
2. Test Conditions (for -70, -90, -120, -150)
Output Load: 1 TTL gate and 100 pF
Input Rise and Fall Times: 20 ns
Input Pulse Levels: 0.45 V to 2.4 V
Timing Measurement Reference Level: 0.8 V and 2.0 V
input and output
3. Output Driver Disable Time
4. Not 100% tested.
2.7 k
Ω
IN3064 or Equivalent
CL
6.2 k
Ω
5.0 V
IN3064
or Equivalent
Device
Under
Test
IN3064 or Equivalent
IN3064 or Equivalent
Notes:
For -65: CL = 30 pF including jig capacitance
For all others: CL = 100 pF including jig capacitance
20380B-14
Figure 7.
Test Conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com