Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV7614BBCZ Datasheet(PDF) 13 Page - Analog Devices

Part # ADV7614BBCZ
Description  12-Bit Deep Color with Quad HDMI Receiver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7614BBCZ Datasheet(HTML) 13 Page - Analog Devices

Back Button ADV7614BBCZ Datasheet HTML 9Page - Analog Devices ADV7614BBCZ Datasheet HTML 10Page - Analog Devices ADV7614BBCZ Datasheet HTML 11Page - Analog Devices ADV7614BBCZ Datasheet HTML 12Page - Analog Devices ADV7614BBCZ Datasheet HTML 13Page - Analog Devices ADV7614BBCZ Datasheet HTML 14Page - Analog Devices ADV7614BBCZ Datasheet HTML 15Page - Analog Devices ADV7614BBCZ Datasheet HTML 16Page - Analog Devices ADV7614BBCZ Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
Data Sheet
ADV7614
Rev. C | Page 13 of 20
Pin No.
Mnemonic
Type
Description
L17
NC
No connect
Do Not Connect.
L18
NC
No connect
Do Not Connect.
M1
P8
Digital video output
Video Pixel Output Port.
M2
GND
Ground
Ground.
M3
GND
Ground
Ground.
M4
GND
Ground
Ground.
M7
DVDD
Power
Digital Supply Voltage (1.8 V).
M8
DVDD
Power
Digital Supply Voltage (1.8 V).
M9
GND
Ground
Ground.
M10
GND
Ground
Ground.
M11
GND
Ground
Ground.
M12
PVDD
Power
PLL Supply Voltage (1.8 V).
M15
NC
No connect
Do Not Connect.
M16
NC
No connect
Do Not Connect.
M17
GND
Ground
Ground.
M18
GND
Ground
Ground.
N1
P9
Digital video output
Video Pixel Output Port.
N2
DVDDIO
Power
Digital I/O Supply Voltage (3.3 V).
N3
DVDDIO
Power
Digital I/O Supply Voltage (3.3 V).
N4
DVDDIO
Power
Digital I/O Supply Voltage (3.3 V).
N15
NC
No connect
Do Not Connect.
N16
NC
No connect
Do Not Connect.
N17
NC
No connect
Do Not Connect.
N18
NC
No connect
Do Not Connect.
P1
P10
Digital video output
Video Pixel Output Port.
P2
P11
Digital video output
Video Pixel Output Port.
P3
I2S0/DSD0B/HBR0
Digital output
I2S Audio (Channel 1 and Channel 2) (I2S0).
Second DSD Data Channel (DSD0B).
First Block of HBR Stream (HBR0).
P4
I2S1/DSD1A/HBR1
Digital output
I2S Audio (Channel 3 and Channel 4) (I2S1).
Third DSD Data Channel (DSD1A).
Second Block of HBR Stream (HBR1).
P15
PVDD
Power
PLL Supply Voltage (1.8 V).
P16
PVDD
Power
PLL Supply Voltage (1.8 V).
P17
NC
No connect
Do Not Connect.
P18
NC
No connect
Do Not Connect.
R1
P12
Digital video output
Video Pixel Output Port.
R2
P13
Digital video output
Video Pixel Output Port.
R3
GND
Ground
Ground.
R4
GND
Ground
Ground.
R5
SCL
Digital I/O
I2C Port Serial Clock Input. The maximum clock rate is 400 kHz. SCL is the clock
line for the control port.
R6
DVDDIO
Power
Digital I/O Supply Voltage (3.3 V).
R7
INT1
Digital output
Interrupt Pin 1. Thispincanbe active loworactive high. Whenstatus bitschange,
this pin is triggered. The events that trigger an interrupt are underuser control.
R8
NC
No connect
Do Not Connect.
R9
DVDDIO
Power
Digital I/O Supply Voltage (3.3 V).
R10
GND
Ground
Ground.
R11
NC
No connect
Do Not Connect.
R12
SHARED_EDID
Digital input
EDID Flag. When high, all four HDMI ports share a common EDID. When low,
Port D does not share a common EDID; Port D operates with a separate EDID.
R13
NC
No connect
Do Not Connect.
R14
GND
Ground
Ground.
R15
NC
No connect
Do Not Connect.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com