Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RWST50373C4700JBO1 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # RWST50373C4700JBO1
Description  Fixed Wirewound High Power Vitreous Resistors Electrical Traction Model
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

RWST50373C4700JBO1 Datasheet(HTML) 3 Page - Vishay Siliconix

  RWST50373C4700JBO1 Datasheet HTML 1Page - Vishay Siliconix RWST50373C4700JBO1 Datasheet HTML 2Page - Vishay Siliconix RWST50373C4700JBO1 Datasheet HTML 3Page - Vishay Siliconix RWST50373C4700JBO1 Datasheet HTML 4Page - Vishay Siliconix RWST50373C4700JBO1 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
www.vishay.com
For technical questions, contact: sfer@vishay.com
Document Number: 50017
63
Revision: 12-May-09
RWST
Vishay Sfernice
Fixed Wirewound High Power Vitreous Resistors
Electrical Traction Model
NON INDUCTIVE WINDING
For high frequencies, low self induction resistors are available with special windings.
RWSTNI designation.
POWER RATING CHART
TEMPERATURE RISE
SPECIAL FEATURES
RWST STYLE
25 x 138
25 x 168
30 x 250
40 x 370
50 x 373
Designation NF C 93-214
-
RB 25 x 168
RB 30 x 250
-
-
Power Rating at 25 °C
95 W
160 W
280 W
500 W
700 W
Maximum Power
Rating at 25 °C
P max.
110 W
180 W
320 W
600 W
800 W
Ohmic Range
(E12, E24 series)
2.7
Ω
82 k
Ω
2.7
Ω
100 k
Ω
4.7
Ω
220 k
Ω
8.2
Ω
360 k
Ω
12
Ω
430 k
Ω
Limiting Element Voltage
1400 V
1900 V
3000 V
4500 V
5000 V
Critical Resistance
18 k
Ω
20 k
Ω
30 k
Ω
36 k
Ω
30 k
Ω
MODEL AND
STYLE
RWSTNI
25 x 138
RWSTNI
25 x 168
RWSTNI
30 x 250
RWSTNI
40 x 370
RWSTNI
50 x 373
OHMIC RANGE
(E12 SERIES)
22
Ω
2.5 k
Ω
22
Ω
4 k
Ω
120
Ω
6.8 k
Ω
120
Ω
8.2 k
Ω
150
Ω
8.2 k
Ω
AMBIENT TEMPERATURE IN °C
100
75
50
25
0
0
65
130
195
260
325
390
455
RATED POWER IN W
400
300
200
100
0
10
100
1000



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com