Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM53CF96 Datasheet(PDF) 18 Page - Advanced Micro Devices

Part # AM53CF96
Description  Enhanced SCSI-2 Controller (ESC)
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM53CF96 Datasheet(HTML) 18 Page - Advanced Micro Devices

Back Button AM53CF96 Datasheet HTML 14Page - Advanced Micro Devices AM53CF96 Datasheet HTML 15Page - Advanced Micro Devices AM53CF96 Datasheet HTML 16Page - Advanced Micro Devices AM53CF96 Datasheet HTML 17Page - Advanced Micro Devices AM53CF96 Datasheet HTML 18Page - Advanced Micro Devices AM53CF96 Datasheet HTML 19Page - Advanced Micro Devices AM53CF96 Datasheet HTML 20Page - Advanced Micro Devices AM53CF96 Datasheet HTML 21Page - Advanced Micro Devices AM53CF96 Datasheet HTML 22Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 76 page
background image
P R E L I M I N A R Y
AMD
18
Am53CF94/Am53CF96
FIFO Register (02H) Read/Write
FIFO Register
FFREG
Address: 02H
Type: Read/Write
76543
210
FF7
FF6
FF5
FF4
FF3
FF2
FF1
FF0
00000
000
17348B-18
FFREG – Bits 7:0 – FF 7:0 – FIFO 7:0
The FIFO on the Am53CF94/96 is 16 bytes deep and is
used to transfer SCSI data to and from the ESC. The
bottom of the FIFO may be accessed via a read or write
to this register. This is the only register that can also be
accessed by
DACK along with DMARD or DMAWR or
with
REQ or ACK. This register is reset to zero by hard-
ware or software reset, or at the start of a selection or
reselection sequence, or if Clear FIFO command is
issued.
Command Register (03H) Read/Write
Command Register
CMDREG
Address: 03H
Type: Read/Write
76543
210
DMA
CMD6
CMD5
CMD4
CMD3
CMD2
CMD1
CMD0
xxxxx
xxx
Command 6:0
Direct Memory
Access
17348B-19
Commands to the ESC are issued by writing to this reg-
ister which is two bytes deep. Commands may be
queued, and will be read from the bottom of the queue.
At the completion of the bottom command, the top com-
mand, if present, will drop to the bottom of the register to
begin execution. All commands are executed within six
clock cycles of dropping to the bottom of the Command
Register, with the exception of the Reset SCSI Bus, Re-
set Device, and DMA Stop commands. These com-
mands are not queued and are executed within four
clock cycles of being loaded into the top this register.
Interrupts are sometimes generated upon command
completion. Should both commands generate inter-
rupts, and the first interrupt has not been serviced, the
interrupt from the second (top) command will be stacked
behind the first. The Status Register, Interrupt Register,
and Internal State Register will be updated to apply to
the second interrupt after the microprocessor services
the first interrupt.
Reading this register will return the command currently
being executed (or the last command executed if there
are no pending commands). When this register is
cleared, existing commands will be terminated and any
queued commands will be ignored. However, it does not
reset the register bits to ‘00H’.
CMDREG – Bit 7 – DMA – Direct Memory Access
When set, this bit notifies the device that the command
is a DMA instruction, when reset it is a non-DMA instruc-
tion. For DMA instructions the Current Transfer Count
Register (CTCREG) will be loaded with the contents of
the Start Transfer Count Register (STCREG). The data
is then transferred and the CTCREG is decremented for
each byte until it reaches zero.
CMDREG – Bits 6:0 – CMD 6:0 – Command 6:0
These command bits decode the commands that the
device needs to perform. There are a total of 31 com-
mands grouped into four categories. The groups are
Initiator Commands, Target Commands, Selection/
Reselection Commands and General Purpose Com-
mands.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com